Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST75951 Datasheet(PDF) 15 Page - STMicroelectronics

Part # ST75951
Description  V.34/56K ANALOG FRONT END
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST75951 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button ST75951 Datasheet HTML 11Page - STMicroelectronics ST75951 Datasheet HTML 12Page - STMicroelectronics ST75951 Datasheet HTML 13Page - STMicroelectronics ST75951 Datasheet HTML 14Page - STMicroelectronics ST75951 Datasheet HTML 15Page - STMicroelectronics ST75951 Datasheet HTML 16Page - STMicroelectronics ST75951 Datasheet HTML 17Page - STMicroelectronics ST75951 Datasheet HTML 18Page - STMicroelectronics ST75951 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 21 page
background image
Table 4 : Control Register 0 : AFE Setting
Bit15 Bit14 Bit13 Bit12 Bit11 Bit10 Bit9 Bit8 Bit7 Bit6 Bit5 Bit4 Bit3 Bit2 Bit1 Bit0
Function
0
0
0
0
Main Receive input (INI)
0
0
0
1
Auxil. Receive input
0
0
0
0
0dB Receive Gain (INI)
0
0
0
1
+6dB Receive Gain
0
0
0
0
0
0
OVER = 320 (INI)
0
0
0
0
0
1
OVER = 384
0
0
0
1
0
1
OVER = 128
0
0
0
1
1
0
OVER = 192
0
0
0
1
1
1
OVER = 256
0
0
0
0
0
- Infin. attenuation XMIT (INI)
0
0
0
0
1
+2dB gain XMIT
0
0
0
1
0
6dB attenuation XMIT
0
0
0
1
1
0dB gain XMIT
000
0
M = 1
0
0
0
1
M = 2 (INI)
00000
0
Q = 3
00000
1
Q = 6 (INI)
00001
0
Q = 7
00001
1
Q = 8
00010
0
Q = 4.5
00010
1
Q = 5.5
00011
0
Q = 6.5
00011
1
Q = 7.5
Table 5 : Control Register 1 : GPIO Setting, Ring Bit
Bit15 Bit14 Bit13 Bit12 Bit11 Bit10 Bit9 Bit8 Bit7 Bit6 Bit5 Bit4 Bit3 Bit2 Bit1 Bit0
Function
0
0
1
Di3 Di2 Di1 Di0
DIR. ’0’ = (Inp INI), 1 = Out
0
0
1
MR
M3 M2 M1 M0
MASK for INT. GPI ’0’ masked
(INI), ’1’ unmasked
DR
Digital Ring ’1’ on, ’0’ off (INI)
Table 6 : Control Register 2 : GPIO / RING Output Setting
Bit15 Bit14 Bit13 Bit12 Bit11 Bit10 Bit9 Bit8 Bit7 Bit6 Bit5 Bit4 Bit3 Bit2 Bit1 Bit0
Function
0
1
0
G3
G2
G1
G0
GPIOx output setting, read
input
0
1
0
RG
Read only, Ring
0
1
0
S
GPIO3 ’0’ In static Value (INI)
if set GPIO3 modulated at F0
0
1
0
x
x
0
GPIO0 In static Value (INI)
0
1
0
0
0
1
GPIO0 Modulate at F0
0
1
0
0
1
1
GPIO0 Modul. at F0/2
0
1
0
1
0
1
GPIO0 Modul. at F0/4
0
1
0
1
1
1
GPIO0 Modul. at F0/8
Note :
GPI is in "high" state, any change on one Gx or RG non-masked put GPI in "low" state, one read on this register (@010) put GPI in
"hight" state.
FUNCTIONAL DESCRIPTION (continued)
ST75951
15/21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com