Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST75951 Datasheet(PDF) 10 Page - STMicroelectronics

Part # ST75951
Description  V.34/56K ANALOG FRONT END
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST75951 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button ST75951 Datasheet HTML 6Page - STMicroelectronics ST75951 Datasheet HTML 7Page - STMicroelectronics ST75951 Datasheet HTML 8Page - STMicroelectronics ST75951 Datasheet HTML 9Page - STMicroelectronics ST75951 Datasheet HTML 10Page - STMicroelectronics ST75951 Datasheet HTML 11Page - STMicroelectronics ST75951 Datasheet HTML 12Page - STMicroelectronics ST75951 Datasheet HTML 13Page - STMicroelectronics ST75951 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
V
DD
PP
F0
GPIO3
GPIO3
REG 2 - BIT4
SETTING
Figure 12 : GPIO3 When bit10 = ’1’ in REG2
FUNCTIONAL DESCRIPTION (continued)
V
DD
PP
F0/N
GPIO0
GPIO0
REG 2 - BIT1
SETTING
Figure 11 : GPIO0 When bit6 = ’1’ in REG2
GPIO1 and GPIO2 are dedicated input and control
CLID and OFF-HOOK function respectively if the
control input Pin HM is set to ’1’.
Table 2
HM
GPIO1
GPIO2
Function
1
0
0
ON-HOOK
1
0
1
OFF-HOOK
11
0
CLID
1
1
1
SPECIAL
HM
CL
OH
Function
0
0
0
ON-HOOK
0
0
1
OFF-HOOK
01
0
CLID
0
1
1
SPECIAL
CL, OH : Bit 2, 3 Reg 3.
Depending of the setting of the Mask bit in control
register 1, any change of non-masked GPIO can
generate an interrupt to the processor thanks to
GPI (General purpose Interrupt).
7 - Operating Modes
Three operating modes controlled either by the
GPIO1 and 2 or by the control register 3 are imple-
mented :
- ON-HOOK,
- OFF-HOOK,
- CLID (Caller ID).
D5
D6
Figure 13
V
DD
F0
D5
V
DD
F0
D6
Figure 14
7.1 - ON-HOOK
During ON-HOOK state no signal is sent by D5, D6.
D5 = D6 = VDD.
Ring
When in ON-HOOK state, the ST952 sends a
1MHz differential signal on D3, D4 when it re-
ceives an incoming ringing signal from Tip/Ring.
ST75951 will output on RING Pin the image of the
ring signal (RING Pin is also duplicated in the read
register 2 bit 5) (see Figure 15).
7.2 - OFF-HOOK
Depending on Pin HM status (see Table 2), 2 pos-
sibilities are offered to control the device to go in
OFF-HOOK state.
D5 and D6 send F0 clock in opposite phase to
ST952.
ST75951
10/21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com