Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST75951 Datasheet(PDF) 9 Page - STMicroelectronics

Part # ST75951
Description  V.34/56K ANALOG FRONT END
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST75951 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button ST75951 Datasheet HTML 5Page - STMicroelectronics ST75951 Datasheet HTML 6Page - STMicroelectronics ST75951 Datasheet HTML 7Page - STMicroelectronics ST75951 Datasheet HTML 8Page - STMicroelectronics ST75951 Datasheet HTML 9Page - STMicroelectronics ST75951 Datasheet HTML 10Page - STMicroelectronics ST75951 Datasheet HTML 11Page - STMicroelectronics ST75951 Datasheet HTML 12Page - STMicroelectronics ST75951 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
f
Q
8
XTALIN
SCLK
FS
DIN
DOUT
MCM
M/S
TS
f
S = fQ / Over
P
R
O
C
E
S
S
O
R
V
DD
GND
GND
STLC7546
Functional Mode
2
3
46
47
14
4
44
Figure 8
f
Q = 36.864MHz
18.432MHz
9.216MHz
8
XTALIN
SCLK
FS
DIN
DOUT
MCM
M/S
TS
f
S = fQ / (M x Q x Over)
P
R
O
C
E
S
S
O
R
V
DD
GND
GND
2
3
46
47
14
4
44
Figure 7
FUNCTIONAL DESCRIPTION (continued)
f
Q
8
XTALIN
SCLK
FS
DIN
DOUT
MCM
M/S
TS
f
S = fQ / Over
P
R
O
C
E
S
S
O
R
GND
GND
GND
2
3
46
47
14
4
44
Figure 9
f
Q = 36.864MHz
18.432MHz
9.216MHz
8
XTALIN
2 SCLK
3 FS
46 DIN
47 DOUT
14
4
44
M/S
TS
f
S = fQ / (M x Q x Over)
P
R
O
C
E
S
S
O
R
V
DD
V
DD
GND
MCM
Figure 6
8 XTALIN
SCLK
FS
DIN
DOUT
P
R
O
C
E
S
S
O
R
Master
Codec 1
RESET
FS
DIN
DOUT
Slave
Codec 2
MCM
M/S
TS
GND
GND
V
DD
43
RESET
43
MCM
M/S
TS
GND
GND
V
DD
2
3
46
47
14
4
44
14
4
44
3
46
47
8 XTALIN
SCLK
2
Figure 10
6 - General Purpose Input / Output
ST75951 features 4 GPIO. The GPIO0..3 are tradi-
tional inputs/outputs programmed and set thanks to
the control register 1 (mask, input/output) and control
register 2 (output value, static or modulated).
GPIO0 output is dedicated to output F0/N clocks
instead of a static ’1’ if bit 6 in control register 2 is
set. GPIO3 is dedicated to output F0 clock instead
of a static ’1’ if bit 10 in control register 2 is set (see
Figure 11 and 12).
ST75951
9/21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com