Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST75951 Datasheet(PDF) 7 Page - STMicroelectronics

Part # ST75951
Description  V.34/56K ANALOG FRONT END
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST75951 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button ST75951 Datasheet HTML 3Page - STMicroelectronics ST75951 Datasheet HTML 4Page - STMicroelectronics ST75951 Datasheet HTML 5Page - STMicroelectronics ST75951 Datasheet HTML 6Page - STMicroelectronics ST75951 Datasheet HTML 7Page - STMicroelectronics ST75951 Datasheet HTML 8Page - STMicroelectronics ST75951 Datasheet HTML 9Page - STMicroelectronics ST75951 Datasheet HTML 10Page - STMicroelectronics ST75951 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
2
3
4
14
7
8
V
DD
% M
% Q
XTALIN
(MCLK)
XTALOUT
% R
MCM
% OVER
SCLK
Internal Sampling
Frequency
Sync
FS
M/S
26
27
D5
D6
F0
% 2
F0 or F0/2
% 2
GPIO1 or CL
GPIO2 or OH
Figure 2
4 - Power Down Mode
Two PowerDown modes are available in ST75951
thanks to bit 4 in control register 3.
4.1 - PowerDown Mode 0
If bit 4 is set to ’0’ then when PWRDWN is set to ’0’
the entire chip is in powerdown mode 0.
FUNCTIONAL DESCRIPTION (continued)
Normal
Power Down 0
Normal
PWRDWN
REG3 BIT4 = 0
Figure 3
4.2 - PowerDown Mode 1 (100
µW)
When bit 4 is set to ’1’ then when PWRDWN is set
to ’0’ the chip is in powerdown except the Ring detect
circuitry (wake-up on Ring = powerdown mode 1).
The general purpose interrupt is also working in
order to wake-up the system for dedicated cus-
tomer feature associated with a defined GPIO (pro-
grammed as input and non-masked).
4.2.1 - Ring Bit and GPIO Bit Masked
In this configuration the processor relies on the
Ring output pin to process the wake-up of the
system and does not need the SSI to be powered-
on. The SSI will be put back in operative mode
when PWRDWN is set to ’1’ (see Figure 4).
4.2.2 - Ring Bit or GPIO Bit Non-Masked
In this configuration the processor relies on the SSI
to process the wake-up of the system and needs
the SSI to be powered-on.
On an incoming Ring signal or an interrupt coming
thanks to the GPIO, ST75951 will generate an
interrupt on GPI output pin and power-up the SSI,
the processor will be able to read the control regis-
ter 2 and find out the origine of the interrupt.
After a reading of the register 2, if the processor
does not set high PWRDWN ST75951 puts back
the SSI off in order to save energy (see Figure 5).
ST75951
7/21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com