Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST952 Datasheet (PDF) - STMicroelectronics

ST952 Datasheet PDF - STMicroelectronics
Part # ST952
Download  ST952 Download
File Size   140.62 Kbytes
Page   12 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description D.A.A. LINE INTERFACE

ST952 Datasheet (PDF)

Go To PDF Page Download Datasheet
ST952 Datasheet PDF - STMicroelectronics

Part # ST952
Download  ST952 Click to download

File Size   140.62 Kbytes
Page   12 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description D.A.A. LINE INTERFACE

ST952 Datasheet (HTML) - STMicroelectronics


ST952 Product details

DESCRIPTION
ST952 is a line interface designed to implement Modem application up to 56Kbps and Voice applications.
ST952 interfaces between telephone line and capacitive isolation barrier.
A complete D.A.A. is made with ST75951 which interfaces between capacitive isolation barrier and the DSP or HSP signals.
If CLID external transistor switch is enabled, a limited amount of current, less than 1mA, is drawn from the line.
In off-hook state, ST952 DC voltage, 4V at a 20mA line current, allows to interface with most of public networks in the world.
The return loss is externally adjustable to real or complex impedance.
In case of a wrong connection in a digital phone line, ST952 detects the over current value and sends to ST75951 an alert signal through the capacitive isolation barrier.
Before starting a line connection, ST952 is abled to check if the line is used by an other terminal connected on the same telephone line.

■ HOOK SWITCH DRIVER
■ RING INDICATOR
■ LINE INTERFACE
   - DC TERMINATION (4V AT 20mA)
   - 2W/4W HYBRID CONVERTER
   - FLAT FREQUENCY RESPONSE DOWN TO 10Hz FOR 56Kps MODEM
■ INTERFACE WITH CAPACITIVE ISOLATION BARRIER
■ CALLER ID INTERFACE
■ DIGITAL PHONE LINE OR OVER LOOP CURRENT LIMIT DETECT
■ PHONE LINE IN USE CHECK

APPLICATIONS
■ MODEMS UP TO V.34, 33.6KBPS AND 56Kbps
■ PCMCIA CARDS
■ FAX MACHINES
■ PERSONAL DIGITAL ASSISTANTS
■ ANSWERING MACHINES
■ HIGH FEATURE PHONES
■ WEBPHONES AND SET TOP BOXES




Similar Part No. - ST952

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ST950-30L2KI VISHAY-ST950-30L2KI Datasheet
116Kb / 6P
SuperTan® Wet Tantalum Capacitors With Hermetic Seal
12-May-2022
ST950-30L2MI VISHAY-ST950-30L2MI Datasheet
116Kb / 6P
SuperTan® Wet Tantalum Capacitors With Hermetic Seal
12-May-2022
logo
STMicroelectronics
ST95010 STMICROELECTRONICS-ST95010 Datasheet
110Kb / 18P
4K/2K/1K Serial SPI EEPROM with Positive Clock Strobe
Jun-1998
ST95010B1 STMICROELECTRONICS-ST95010B1 Datasheet
110Kb / 18P
4K/2K/1K Serial SPI EEPROM with Positive Clock Strobe
Jun-1998
ST95010B1TR STMICROELECTRONICS-ST95010B1TR Datasheet
110Kb / 18P
4K/2K/1K Serial SPI EEPROM with Positive Clock Strobe
Jun-1998
More results


Similar Description - ST952

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
TCA3388 MOTOROLA-TCA3388 Datasheet
274Kb / 16P
TELEPHONE LINE INTERFACE
logo
Dallas Semiconductor
DS2186 DALLAS-DS2186 Datasheet
129Kb / 11P
Transmit Line Interface
DS2187 DALLAS-DS2187 Datasheet
129Kb / 10P
Receive Line Interface
logo
List of Unclassifed Man...
T7289A ETC-T7289A Datasheet
976Kb / 17P
DS1 LINE INTERFACE
78P7200 ETC1-78P7200 Datasheet
171Kb / 11P
Line Interface Unit
logo
Rhombus Industries Inc.
T-1273 RHOMBUS-IND-T-1273 Datasheet
31Kb / 1P
LINE INTERFACE TRANSFORMER
9/10/99
T-13206 RHOMBUS-IND-T-13206 Datasheet
96Kb / 1P
LINE INTERFACE TRANSFORMER
6/10/94
logo
XFMRS Inc.
XF0709-AD70S XFMRS-XF0709-AD70S Datasheet
83Kb / 1P
LINE INTERFACE XFMR
XFCIS3-COMBO4-4S XFMRS-XFCIS3-COMBO4-4S Datasheet
104Kb / 2P
LINE INTERFACE MODULE
logo
Maxim Integrated Produc...
DS2187 MAXIM-DS2187 Datasheet
685Kb / 10P
Receive Line Interface
062101
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com