Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST952 Datasheet(PDF) 2 Page - STMicroelectronics

Part # ST952
Description  D.A.A. LINE INTERFACE
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST952 Datasheet(HTML) 2 Page - STMicroelectronics

  ST952 Datasheet HTML 1Page - STMicroelectronics ST952 Datasheet HTML 2Page - STMicroelectronics ST952 Datasheet HTML 3Page - STMicroelectronics ST952 Datasheet HTML 4Page - STMicroelectronics ST952 Datasheet HTML 5Page - STMicroelectronics ST952 Datasheet HTML 6Page - STMicroelectronics ST952 Datasheet HTML 7Page - STMicroelectronics ST952 Datasheet HTML 8Page - STMicroelectronics ST952 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
PIN LIST
Pin Number
Name
Type
Description
1
D3
Output
Isolation Signal Output
2
D4
Output
Isolation Signal Output
3
RIN
Input
Ring Signal Input
4
D5
Input
Isolation Control Signal Input
5
D6
Input
Isolation Control Signal Input
6
TOFF
Supply
Internal Reference Supply
7
LIM2
Input
Loop Current Limiter Control
8
LIM1
Output
Loop Current Limiter Control
9
IDC
Output
Caller ID Control Output
10
COM
Output
Off-hook & ID Commun Output
11
OHC
Output
Off-hook Control Output
12
N.C.
-
Not Connected
13
N.C.
-
Not Connected
14
IREF
Input
Current Reference Setting
15
VDREF
Supply
Internal Reference Pin
16
TER2
Output
Current Regulator Control Feedback
17
TER1
Output
Current Regulator Control Output
18
SET
Input
Current Regulator Filter
19
VDR
Supply
Line DC Voltage Regulator
20
LINE
Output
Line AC Signal Output
21
IDG
Input
Caller ID Voltage Reference Input
22
IDI
Input
Caller ID Signal Input
23
LINI
Input
Line AC Signal Input
24
GAIN
Input
Transmit Gain / Trans-Hybrid Loss Set
25
LCOM
Ground
Line Side Common Ground
26
AIN
Input
Analog Transmit Signal Input
27
AOUT
Output
Analog Transmit Signal Output
28
N.C.
-
Not Connected
29
N.C.
-
Not Connected
30
D1
Input
Isolation Signal Input
31
D2
Input
Isolation Signal Input
32
LCOM
Ground
Line Side Common Ground
Note : Pins 12, 13, 28 and 29 must be left opened.
ST952
2/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com