Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST952 Datasheet(PDF) 11 Page - STMicroelectronics

Part # ST952
Description  D.A.A. LINE INTERFACE
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST952 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button ST952 Datasheet HTML 4Page - STMicroelectronics ST952 Datasheet HTML 5Page - STMicroelectronics ST952 Datasheet HTML 6Page - STMicroelectronics ST952 Datasheet HTML 7Page - STMicroelectronics ST952 Datasheet HTML 8Page - STMicroelectronics ST952 Datasheet HTML 9Page - STMicroelectronics ST952 Datasheet HTML 10Page - STMicroelectronics ST952 Datasheet HTML 11Page - STMicroelectronics ST952 Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
20
26
27
22
23
24
AOUT
AIN
LINE
GAIN
82
W
D5
D6
30
31
D1
D2
D3
D4
1
2
4
5
LINI
IDI
3
16
17
18
19
14
15
21
RIN
IDG
VDR
VDREF
IREF
SET
TER1
TER2
8
LIM1
7
LIM2
9
IDC
10
OHC
11
COM
6
TOFF
25 LCOM
32 LCOM
ST952
35
34
D1
D2
31
30
D3
D4
27
26
D5
D6
1
m F
ST75951
MCLK
SCLK
FS
DIN
DOUT
RESET
PWRDWN
HC1
8
2
3
46
47
43
11
9
P
R
O
C
E
S
S
O
R
1
m F
13V
Q1
47k
W
Q2
47nF
SMTPA
270
Tip
Ring
22k
W
47nF
47k
W
Q4
Q5
Q3
1nF
47k
W
D5
D7
D4
D6
100nF
TYPICAL APPLICATION (5V Supply on ST75951)
ST952
11/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com