Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST952 Datasheet(PDF) 10 Page - STMicroelectronics

Part # ST952
Description  D.A.A. LINE INTERFACE
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST952 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button ST952 Datasheet HTML 4Page - STMicroelectronics ST952 Datasheet HTML 5Page - STMicroelectronics ST952 Datasheet HTML 6Page - STMicroelectronics ST952 Datasheet HTML 7Page - STMicroelectronics ST952 Datasheet HTML 8Page - STMicroelectronics ST952 Datasheet HTML 9Page - STMicroelectronics ST952 Datasheet HTML 10Page - STMicroelectronics ST952 Datasheet HTML 11Page - STMicroelectronics ST952 Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
26
27
HIGH PASS
FILTER
LOW PASS
FILTER
AOUT
AIN
Output
Amplifier
2W/4W
CONVERTER
& HYBRID
D5
D6
30
31
D1
D2
D3
D4
1
2
4
5
Fmod
3
16
17
18
RIN
OFF-HOOK
REFERENCE
VOLTAGE
8
7
9
10
11
6
25
32
CURRENT
LIMITER
CLID & OFF-HOOK
SWITCH CONTROL
CLID
REFERENCE
VOLTAGE
RING
DETECT
Fmod
ST952
1
m F
Ur
For Ur = V1, no signal on D3/D4
For Ur = V2, 6V
PP/1MHz on D3/D4
20
22
23
24
LINE
GAIN
47k
W
LINI
IDI
1
m F
BC
557
19
14
15
21
IDG
47k
W
VDR
620
W
47
m F
BC
547
V
DREF
I
REF
100nF
82k
W
4.7
m F
1nF
BC
557
BC
547
BC
547
100nF
Figure 7 : Test 5
ST952
10/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com