Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST952 Datasheet(PDF) 1 Page - STMicroelectronics

Part # ST952
Description  D.A.A. LINE INTERFACE
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST952 Datasheet(HTML) 1 Page - STMicroelectronics

  ST952 Datasheet HTML 1Page - STMicroelectronics ST952 Datasheet HTML 2Page - STMicroelectronics ST952 Datasheet HTML 3Page - STMicroelectronics ST952 Datasheet HTML 4Page - STMicroelectronics ST952 Datasheet HTML 5Page - STMicroelectronics ST952 Datasheet HTML 6Page - STMicroelectronics ST952 Datasheet HTML 7Page - STMicroelectronics ST952 Datasheet HTML 8Page - STMicroelectronics ST952 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
ST952
D.A.A. LINE INTERFACE
December 1998
PRELIMINARY DATA
.
HOOK SWITCH DRIVER
.
RING INDICATOR
.
LINE INTERFACE
- DC TERMINATION (4V AT 20mA)
- 2W/4W HYBRID CONVERTER
- FLAT FREQUENCY RESPONSE DOWN TO
10Hz FOR 56Kps MODEM
.
INTERFACE WITH CAPACITIVE ISOLATION
BARRIER
.
CALLER ID INTERFACE
.
DIGITAL PHONE LINE OR OVER LOOP
CURRENT LIMIT DETECT
.
PHONE LINE IN USE CHECK
APPLICATIONS
.
MODEMS UP TO V.34, 33.6KBPS AND 56Kbps
.
PCMCIA CARDS
.
FAX MACHINES
.
PERSONAL DIGITAL ASSISTANTS
.
ANSWERING MACHINES
.
HIGH FEATURE PHONES
.
WEBPHONES AND SET TOP BOXES
This is advance information on a new product now in development or undergoing evaluation. Details are subject to change without notice.
DESCRIPTION
ST952 is a line interface designed to implement
Modem application up to 56Kbps and Voice appli-
cations.
ST952 interfaces between telephone line and ca-
pacitive isolation barrier.
A complete D.A.A. is made with ST75951 which
interfaces between capacitive isolation barrier and
the DSP or HSP signals.
10
11
12
13
14
15
18
19
20
21
22
4
3
2
1
25 26 27 28 29
23
16
24
30 31 32
8
7
6
5
9
LIM1
LIM2
TOFF
D6
D5
RIN
D4
D3
17
TER1
SET
VDR
LINE
IDG
IDI
LINI
GAIN
PIN CONNECTIONS
ST75951
ST952
Digital
Signals
Tip
Ring
It incorporates Krypton Isolation Inc. patented sili-
con DAA technology.
The ring burst signal is detected by ST952 and is sent
to ST75951 through the capacitive isolation barrier.
Using the control signals given by ST75951, through
the capacitive isolation barrier, ST952 activates the
off-hook or the CLID external transistor switch.
If CLID external transistor switch is enabled, a
limited amount of current, less than 1mA, is drawn
from the line.
In off-hook state, ST952 DC voltage, 4V at a 20mA
line current, allows to interface with most of public
networks in the world.
The return loss is externally adjustable to real or
complex impedance.
In case of a wrong connection in a digital phone
line, ST952 detects the over current value and
sends to ST75951 an alert signal through the ca-
pacitive isolation barrier.
Before starting a line connection, ST952 is abled
to check if the line is used by an other terminal
connected on the same telephone line.
TQFP32 (7 x 7 x 1.4mm)
(Thin Plastic Quad Flat Pack)
ORDER CODE : ST952TQF7
1/12


Similar Part No. - ST952

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ST950-30L2KI VISHAY-ST950-30L2KI Datasheet
116Kb / 6P
SuperTan® Wet Tantalum Capacitors With Hermetic Seal
12-May-2022
ST950-30L2MI VISHAY-ST950-30L2MI Datasheet
116Kb / 6P
SuperTan® Wet Tantalum Capacitors With Hermetic Seal
12-May-2022
logo
STMicroelectronics
ST95010 STMICROELECTRONICS-ST95010 Datasheet
110Kb / 18P
4K/2K/1K Serial SPI EEPROM with Positive Clock Strobe
Jun-1998
ST95010B1 STMICROELECTRONICS-ST95010B1 Datasheet
110Kb / 18P
4K/2K/1K Serial SPI EEPROM with Positive Clock Strobe
Jun-1998
ST95010B1TR STMICROELECTRONICS-ST95010B1TR Datasheet
110Kb / 18P
4K/2K/1K Serial SPI EEPROM with Positive Clock Strobe
Jun-1998
More results

Similar Description - ST952

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
TCA3388 MOTOROLA-TCA3388 Datasheet
274Kb / 16P
TELEPHONE LINE INTERFACE
logo
Dallas Semiconductor
DS2186 DALLAS-DS2186 Datasheet
129Kb / 11P
Transmit Line Interface
DS2187 DALLAS-DS2187 Datasheet
129Kb / 10P
Receive Line Interface
logo
List of Unclassifed Man...
T7289A ETC-T7289A Datasheet
976Kb / 17P
DS1 LINE INTERFACE
78P7200 ETC1-78P7200 Datasheet
171Kb / 11P
Line Interface Unit
logo
Rhombus Industries Inc.
T-1273 RHOMBUS-IND-T-1273 Datasheet
31Kb / 1P
LINE INTERFACE TRANSFORMER
9/10/99
T-13206 RHOMBUS-IND-T-13206 Datasheet
96Kb / 1P
LINE INTERFACE TRANSFORMER
6/10/94
logo
XFMRS Inc.
XF0709-AD70S XFMRS-XF0709-AD70S Datasheet
83Kb / 1P
LINE INTERFACE XFMR
XFCIS3-COMBO4-4S XFMRS-XFCIS3-COMBO4-4S Datasheet
104Kb / 2P
LINE INTERFACE MODULE
logo
Maxim Integrated Produc...
DS2187 MAXIM-DS2187 Datasheet
685Kb / 10P
Receive Line Interface
062101
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com