Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST952 Datasheet(PDF) 12 Page - STMicroelectronics

Part # ST952
Description  D.A.A. LINE INTERFACE
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST952 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button ST952 Datasheet HTML 4Page - STMicroelectronics ST952 Datasheet HTML 5Page - STMicroelectronics ST952 Datasheet HTML 6Page - STMicroelectronics ST952 Datasheet HTML 7Page - STMicroelectronics ST952 Datasheet HTML 8Page - STMicroelectronics ST952 Datasheet HTML 9Page - STMicroelectronics ST952 Datasheet HTML 10Page - STMicroelectronics ST952 Datasheet HTML 11Page - STMicroelectronics ST952 Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
32
25
D3
e
916
1
8
17
24
c
A1
A2
A
D1
D
K
0,25 mm
.010 inch
GAGE PLANE
0,10 mm
.004 inch
SEATING PLANE
PACKAGE MECHANICAL DATA
32 PINS - PLASTIC THIN QUAD FLAT PACK (TQFP)
Dimensions
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
1.60
0.063
A1
0.05
0.15
0.002
0.006
A2
1.35
1.40
1.45
0.053
0.055
0.057
B
0.30
0.37
0.45
0.012
0.015
0.018
C
0.09
0.20
0.004
0.008
D
9.00
0.354
D1
7.00
0.276
D3
5.60
0.220
e
0.80
0.031
E
9.00
0.354
E1
7.00
0.276
E3
5.60
0.220
L
0.45
0.60
0.75
0.018
0.024
0.030
L1
1.00
0.039
K0
o (Min.), 7o (Max.)
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the
consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from
its use. No licence is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications
mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information
previously supplied. STMicroelectronics products are not authorized for use as critical components in life support devices or systems
without express written approval of STMicroelectronics.
The ST logo is a registered trademark of STMicroelectronics
© 1998 STMicroelectronics - All Rights Reserved
Purchase of I
2C Components of STMicroelectronics, conveys a license under the Philips I2C Patent.
Rights to use these components in a I
2C system, is granted provided that the system conforms to
the I
2C Standard Specifications as defined by Philips.
STMicroelectronics GROUP OF COMPANIES
Australia - Brazil - Canada - China - France - Germany - Italy - Japan - Korea - Malaysia - Malta - Mexico - Morocco - The Netherlands
Singapore - Spain - Sweden - Switzerland - Taiwan - Thailand - United Kingdom - U.S.A.
http://www.st.com
ST952
12/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com