Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST952 Datasheet(PDF) 5 Page - STMicroelectronics

Part # ST952
Description  D.A.A. LINE INTERFACE
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST952 Datasheet(HTML) 5 Page - STMicroelectronics

  ST952 Datasheet HTML 1Page - STMicroelectronics ST952 Datasheet HTML 2Page - STMicroelectronics ST952 Datasheet HTML 3Page - STMicroelectronics ST952 Datasheet HTML 4Page - STMicroelectronics ST952 Datasheet HTML 5Page - STMicroelectronics ST952 Datasheet HTML 6Page - STMicroelectronics ST952 Datasheet HTML 7Page - STMicroelectronics ST952 Datasheet HTML 8Page - STMicroelectronics ST952 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
ELECTRICAL CHARACTERISTICS (Tamb = 25
oC, unless otherwise specified)
Symbol
Parameter
Test Conditions
Min.
Typ. Max.
Unit
DC AND AC TERMINATION (see Figure 3)
VLINE
Line Voltage
IL = 20mA
IL = 120mA
4.1
10.5
V
V
ZLOSS
Return Loss
IL = 20mA, VLAC = -6dBV
f = 200 to 4000Hz
24
dB
dB
RECEIVE PATH (IL = 20mA, f = 1kHz, see Figure 4)
Grx
Receive Gain
VLAC = 0dBV, VTAC = 0
-0.5
0
0.5
dB
Grf
Receive Frequency Response
VLAC = 0dBV, VTAC = 0
f = 200 to 3400Hz
f = 50 to 200Hz
-0.1
-0.5
+0.1
+0.5
dB
dB
Rxhd
Receive 2nd/3th/4th Harmonic Distortion
VLAC = 0dBV, VTAC = 0
f = 150Hz
f = 1000Hz
-79
-82
dBV
dBV
Thl
Trans-Hybrid Loss
VLAC = 0, VTAC = -6dBV,
Fmod = 1.5MHz
30
35
dB
Rn
Receive Noise Floor
VLAC = VTAC = 0,
f = 200-3400Hz, 100Hz BW
-93
dBV
TRANSMIT PATH (IL = 20mA, f = 1kHz, VLAC = 0, see Figure 4)
Gtx
Transmit Gain
VTAC = -6dBV
-0.5
0
0.5
dB
Gtf
Transmit Frequency Response
VTAC = -6dBV, f = 200 to 4000Hz
-0.2
+0.2
dB
Txhd
Transmit 2nd/3th/4th Harmonic Distortion
VTAC = -6dBV, Fmod = 1.5MHz
-82
dBV
Txmax
Max Line Drive Voltage
3
VPP
Tn
Transmit Noise Floor
VTAC = 0,
f = 200-3400Hz, 100Hz BW
-93
dBv
POWER AND DC LOGIC INPUT (see Figure 5)
ILINE
Line Current
ST952 Line Pin + Ic(Q5)
10
120
mA
VOFH
Hook Switch Input
D5 and D6 Input
Active (Off-hook)
Inactive (On-hook)
2.7
5.25
0.8
V
V
VCLID
CLID Input
D5 Input
Active (CLID On)
Inactive (On-hook)
2.7
5.25
0.8
V
V
CALLER ID RECEIVE PATH (see Figure 6)
GRID
CLID Receive Gain
VTAC = -15dBV
-1
0
+1
dB
ILID
CLID Line Current
1mA
RING INDICATOR (see Figure 7)
VRIOF
VRION
D3 & D4 Ring indicator
D3 = D4 = 0
D3 = D4 = 3VPP
18
8V
V
Note : D3 and D4 are complementary outputs.
ABSOLUTE MAXIMUM RATING (AGND = DGND = 0V, all voltages with respect to 0V)
Symbol
Parameter
Value
Unit
VMLINE
Positive Line Voltage Continuous
14
V
Toper
Operating Temperature
0, +70
°C
Tstg
Storage Temperature
-55, +150
°C
THERMAL DATA
Symbol
Parameter
Value
Unit
Rth (j-a)
Junction-ambient Thermal Resistance
Max.
80
oC/W
ST952
5/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com