Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV7733 Datasheet (PDF) - STMicroelectronics

STV7733 Datasheet PDF - STMicroelectronics
Part # STV7733
Download  STV7733 Download
File Size   326.47 Kbytes
Page   28 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 320 output dot-matrix display driver

STV7733 Datasheet (PDF)

Go To PDF Page Download Datasheet
STV7733 Datasheet PDF - STMicroelectronics

Part # STV7733
Download  STV7733 Click to download

File Size   326.47 Kbytes
Page   28 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 320 output dot-matrix display driver

STV7733 Datasheet (HTML) - STMicroelectronics


STV7733 Product details

Description
The STV7733 device is a low-power, controller/driver IC for dot-matrix displays. Data is encoded on two bits to select one of four possible output states: high level, medium level, ground or high impedance (Hi-Z).

Features
■ High-voltage, row/column driver IC
■ 320, tri-level (high-voltage, medium voltage and ground) power outputs:
    – capable of operating at 90V, absolute max.
    – capable of sinking or sourcing 2mA
    – Hi-Z
■ Logic supply range: 2.5V to 3.3V
■ Slim shape die for COG, COF and TCP solutions
■ Interface:
    – four dual (2-bit) input serial buses: DBA[1:2], DBB[1:2], DBC[1:2] and DBD[1:2] operating at shift clock frequency of 10MHz, max.
    – three control inputs: shift clock direction (DIR), chip select (/CS) and data latch (/DL)
    – two “all output” stage control inputs: AOC1 and AOC2
■ Power supplies:
    – high-voltage for power outputs: 90V, max.
    – logic supply suitable for battery powered applications: 2.5V, min.




Similar Part No. - STV7733

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STV7710 STMICROELECTRONICS-STV7710 Datasheet
121Kb / 19P
Vacuum Fluorescent Display (VFD) Driver
Apr-2004
STV7710 STMICROELECTRONICS-STV7710 Datasheet
197Kb / 21P
Vaccum fluorescent display (VFD) driver
11-Jul-2007
STV7710/WAF STMICROELECTRONICS-STV7710/WAF Datasheet
121Kb / 19P
Vacuum Fluorescent Display (VFD) Driver
Apr-2004
STV7710BMP STMICROELECTRONICS-STV7710BMP Datasheet
197Kb / 21P
Vaccum fluorescent display (VFD) driver
11-Jul-2007
STV7710WAF STMICROELECTRONICS-STV7710WAF Datasheet
197Kb / 21P
Vaccum fluorescent display (VFD) driver
11-Jul-2007
More results


Similar Description - STV7733

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC75710NE SANYO-LC75710NE Datasheet
541Kb / 20P
Dot Matrix VFD Display Controller/Driver
logo
Hitachi Semiconductor
HD66130T HITACHI-HD66130T Datasheet
64Kb / 16P
320-channel Low-voltage Segment Driver for Dot-Matrix STN Liquid Crystal Display
logo
Marktech Corporate
MTAN1135-ASR MARKTECH-MTAN1135-ASR Datasheet
49Kb / 1P
DOT MATRIX DISPLAY
MTAN2123-11A MARKTECH-MTAN2123-11A Datasheet
48Kb / 1P
DOT MATRIX DISPLAY
MTAN2124-13A MARKTECH-MTAN2124-13A Datasheet
50Kb / 1P
DOT MATRIX DISPLAY
logo
Ningbo Foryard Optoelec...
FYM-12882CX FORYARD-FYM-12882CX Datasheet
412Kb / 5P
DOT MATRIX DISPLAY
FYM-15881CX FORYARD-FYM-15881CX Datasheet
2Mb / 5P
DOT MATRIX DISPLAY
FYM-15883AXX FORYARD-FYM-15883AXX Datasheet
2Mb / 5P
DOT MATRIX DISPLAY
FYM-23881AXXX FORYARD-FYM-23881AXXX Datasheet
316Kb / 5P
DOT MATRIX DISPLAY
FYM-23881A-BUW-X1 FORYARD-FYM-23881A-BUW-X1 Datasheet
465Kb / 5P
Dot Matrix Display
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com