Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV7733 Datasheet(PDF) 9 Page - STMicroelectronics

Part # STV7733
Description  320 output dot-matrix display driver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV7733 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STV7733 Datasheet HTML 5Page - STMicroelectronics STV7733 Datasheet HTML 6Page - STMicroelectronics STV7733 Datasheet HTML 7Page - STMicroelectronics STV7733 Datasheet HTML 8Page - STMicroelectronics STV7733 Datasheet HTML 9Page - STMicroelectronics STV7733 Datasheet HTML 10Page - STMicroelectronics STV7733 Datasheet HTML 11Page - STMicroelectronics STV7733 Datasheet HTML 12Page - STMicroelectronics STV7733 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
STV7733
Electrical characteristics
9/28
7
Electrical characteristics
VDD = 3V, HVDD = 70V, MVDD = 35V, VSSP = 0V, VSSL = 0V, VSSS = 0V, Tamb = 25°C,
F = 10 MHz, unless otherwise specified.
Table 5.
Electrical characteristics
Symbol
Parameter
Min.
Typ.
Max.
Units
Supply
VDD
VDD supply voltage
2.5
3
3.3
V
IDD
VDD supply current with no clock, all logic inputs set to either
0V or VDD and all power outputs in Hi-Z
-
-
0.5
µA
IDD1
VDD dynamic supply current @ clock frequency = 5MHz
(data frequency is 2.5MHz)
-
3
-
mA
IDD2
VDD dynamic supply current @ clock frequency = 100kHz
(data frequency = 50kHz(1)
-
0.1
-
mA
HVDD
HVDD supply voltage
15
80
V
MVDD
MVDD supply voltage
(2)
15
70
V
IPP
HVDD supply current in steady state
-
-
10
µA
OUT1 to OUT320
VHPOUTH
Power output high level (voltage difference versus HVDD)
@ IHPOUTH = -0.5mA and HVDD = 80V
-
-
-10
V
VMPOUTH
Power output medium level (voltage difference versus
MVDD)
@ IMPOUTH = + 0.5mA and MVDD = 40V
@ IMPOUTL = - 0.5mA and MVDD = 40V
-
-
-
-
+10
-10
V
V
VPOUTL
Power output low level
@ IPOUTL = + 0.5mA
-
-
+10
V
IPOUTH
Output current from HVDD, MVDD (see Figure 4)
1) HVDD = 80V, MVDD = 40V
2) HVDD = 60V, MVDD = 30V
-1.42
-0.7
-
mA
mA
IPOUTM
Output current from output to MVDD (Figure 4)
1) HVDD = 80V and MVDD = 40V
2) HVDD = 60V and MVDD = 30V
+1.5
+0.7
mA
mA
IPOUTL
Output current from output to VSSP @ Vdd=2.5V (Figure 4)
1) HVDD = 80V and MVDD = 40V
+1.5
-
mA
IHiZ
Output current during Hi-Z mode
@ VDD = 2.5V, HVDD = 80V and MVDD = 40V
-
10
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com