Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV7733 Datasheet(PDF) 11 Page - STMicroelectronics

Part # STV7733
Description  320 output dot-matrix display driver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV7733 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STV7733 Datasheet HTML 7Page - STMicroelectronics STV7733 Datasheet HTML 8Page - STMicroelectronics STV7733 Datasheet HTML 9Page - STMicroelectronics STV7733 Datasheet HTML 10Page - STMicroelectronics STV7733 Datasheet HTML 11Page - STMicroelectronics STV7733 Datasheet HTML 12Page - STMicroelectronics STV7733 Datasheet HTML 13Page - STMicroelectronics STV7733 Datasheet HTML 14Page - STMicroelectronics STV7733 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
STV7733
AC timing requirements
11/28
8
AC timing requirements
VDD = 2.5V to 3.3V, Tamb = - 20°C to +70°C,
input signal edge maximum rise and fall times (tr, tf) = 5ns.
Table 6.
AC timing requirements
Symbol
Parameter
Min.
Typ.
Max. Units
tSCLK
Data clock period
100
-
-
ns
tWHSCLK Clock pulse duration at high level
40
-
-
ns
tWLSCLK Clock pulse duration at low level
40
-
-
ns
tSDAT
Input data set-up time before low-to-high clock transition
25
-
-
ns
tHDAT
Input data hold-time after low-to-high clock transition
25
-
-
ns
tSCS
/CS set-up time before low-to-high clock transition
40
-
-
ns
tHCS
/CS hold-time after low-to-high clock transition
25
-
-
ns
tHDL
/DL hold-time after low-to-high transition of /CS
25
-
-
ns
tDL
Low level pulse duration
25
-
-
ns
tSDL
/DL set-up time before low-to-high transition of /CS
475
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com