Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV7733 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STV7733
Description  320 output dot-matrix display driver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV7733 Datasheet(HTML) 4 Page - STMicroelectronics

  STV7733 Datasheet HTML 1Page - STMicroelectronics STV7733 Datasheet HTML 2Page - STMicroelectronics STV7733 Datasheet HTML 3Page - STMicroelectronics STV7733 Datasheet HTML 4Page - STMicroelectronics STV7733 Datasheet HTML 5Page - STMicroelectronics STV7733 Datasheet HTML 6Page - STMicroelectronics STV7733 Datasheet HTML 7Page - STMicroelectronics STV7733 Datasheet HTML 8Page - STMicroelectronics STV7733 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
Pin description
STV7733
4/28
2
Pin description
Table 1.
STV7733 pin description
Pin name
Pin type
(I/O)
Pin description
Power
supplies
HVDD
I
Output buffer - high-voltage supply
MVDD
I
Output buffer - medium voltage supply
VSSP
I
Output buffer - ground level
VDD
I
Logic power supply
VSSL
I
Logic ground
VSSS
I
Chip substrate level
Input logic
block
DBA[1:2]
I
Input data bus, 2-bit serial interface
DBB[1:2]
I
Input data bus, 2-bit serial interface
DBC[1:2]
I
Input data bus, 2-bit serial interface
DBD[1:2]
I
Input data bus, 2-bit serial interface
SCLK
I
Data shift clock
DIR
I
Shift clock direction
/CS
I
Chip select (0 = select, 1 = un-select)
/DL
I
Data latch. Shift register data is transferred to the
driver outputs at the falling edge of this pulse.
Power output
control
AOC1
I
“All-output” control (all HVDD, all MVDD, all VSSP,
data through mode) selection pin
AOC2
I
“All-output” control (all HVDD, all MVDD, all VSSP,
data through mode) selection pin
POE
I
Power output enable
Power
outputs
OUT1to OUT320
O
High-voltage power outputs
Test
STBTEST
I
Must be grounded
OE
I
Must be grounded



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com