Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV7733 Datasheet(PDF) 6 Page - STMicroelectronics

Part # STV7733
Description  320 output dot-matrix display driver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV7733 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STV7733 Datasheet HTML 2Page - STMicroelectronics STV7733 Datasheet HTML 3Page - STMicroelectronics STV7733 Datasheet HTML 4Page - STMicroelectronics STV7733 Datasheet HTML 5Page - STMicroelectronics STV7733 Datasheet HTML 6Page - STMicroelectronics STV7733 Datasheet HTML 7Page - STMicroelectronics STV7733 Datasheet HTML 8Page - STMicroelectronics STV7733 Datasheet HTML 9Page - STMicroelectronics STV7733 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
Data bus configuration
STV7733
6/28
4
Data bus configuration
Below, Table 2 describes the position of the first data sampled by the first rising edge of the
SCLK clock. For the first configuration described in Table 2, that is, with input DIR = “H”,
data on the 2-bit bus DBA is sampled by the first SCLK clock pulse and appears on power
output OUT1. After 80 clock pulses, data on OUT1 will be shifted to OUT317 - on the
high-to-low transition of input /DL. Input /CS is the chip select.
Note:
Data is transferred from the shift register to a latch block and then on to power output stages
on the falling edge of input /DL, see Figure 2.
All output data is stored and held in the latch block on the rising edge of the input /DL, see
Figure 2.
Table 2.
Data bus configuration
/CS
DIR
Input
Position
SCLK pulse number
Comment
OUT1
OUT2
OUT79
OUT80
L
H
DBA[1:2]
DBB[1:2]
DBC[1:2]
DBD[1:2]
OUT
OUT
OUT
OUT
01
02
03
04
05
06
07
08
313
314
315
316
317
318
319
320
Left/Right shift
L
L
DBA[1:2]
DBB[1:2]
DBC[1:2]
DBD[1:2]
OUT
OUT
OUT
OUT
320
319
318
317
316
315
314
313
08
07
06
05
04
03
02
01
Right/Left shift



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com