Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV7733 Datasheet(PDF) 10 Page - STMicroelectronics

Part # STV7733
Description  320 output dot-matrix display driver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV7733 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STV7733 Datasheet HTML 6Page - STMicroelectronics STV7733 Datasheet HTML 7Page - STMicroelectronics STV7733 Datasheet HTML 8Page - STMicroelectronics STV7733 Datasheet HTML 9Page - STMicroelectronics STV7733 Datasheet HTML 10Page - STMicroelectronics STV7733 Datasheet HTML 11Page - STMicroelectronics STV7733 Datasheet HTML 12Page - STMicroelectronics STV7733 Datasheet HTML 13Page - STMicroelectronics STV7733 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
Electrical characteristics
STV7733
10/28
Figure 4.
Sink/source current capability test of power outputs
SCLK, DIR, /CS, DBn[1:2], /DL, AOC1, AOC2 and POE
VIH
High level input voltage (% of VDD)
70
-
-
%
VIL
Low level input voltage (% of VDD)
-
-
30
%
IIH
High level input current @ VIH > 0.7 × VDD
-
-
5
µA
IIL
Low level input current @ VIL = 0V
-
-
5
µA
1.
This measurement is performed during device evaluation - it is not tested on all devices.
2.
HVDD must be greater than MVDD under all conditions.
Table 5.
Electrical characteristics (continued)
Symbol
Parameter
Min.
Typ.
Max.
Units
Out
Cp
IPOUTH (-)
S1
S3
MVDD
HVDD
VSSP
S2
Out
Cp
S1
S3
MVDD
HVDD
VSSP
S2
IPOUTM (+)
Out
Cp
S1
S3
MVDD
HVDD
VSSP
S2
IPOUTL (+)
a) I
POUTH
b) I
POUTM
c) I
POUTL
Reminder:
• Current going into the device is a “sinking” current, considered as “positive”
• Current coming out of the device is a “sourcing” current, considered as “negative”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com