Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV7733 Datasheet(PDF) 8 Page - STMicroelectronics

Part # STV7733
Description  320 output dot-matrix display driver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV7733 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STV7733 Datasheet HTML 4Page - STMicroelectronics STV7733 Datasheet HTML 5Page - STMicroelectronics STV7733 Datasheet HTML 6Page - STMicroelectronics STV7733 Datasheet HTML 7Page - STMicroelectronics STV7733 Datasheet HTML 8Page - STMicroelectronics STV7733 Datasheet HTML 9Page - STMicroelectronics STV7733 Datasheet HTML 10Page - STMicroelectronics STV7733 Datasheet HTML 11Page - STMicroelectronics STV7733 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
Absolute maximum ratings
STV7733
8/28
6
Absolute maximum ratings
Table 4.
Absolute maximum ratings
Symbol
Parameter
Value
Units
VDD
Logic supply range
-0.3, +7
V
HVDD
Driver supply range
-0.3, +90
V
MVDD
Driver supply range
-0.3, +HVdd -10
V
VIN
Logic input voltage range
-0.3, VDD + 0.3
V
IPOUT
Driver output current
±5
mA
VOUT
Power output voltage range
-0.3, +90
V
VESD
ESD susceptibility, Human Body model
(100pF discharged through 1.5kohms)
2.0
kV
Tjmax
Maximum junction temperature
100
°C
Tstg
Storage temperature range
-50, +150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com