Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV7733 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STV7733
Description  320 output dot-matrix display driver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV7733 Datasheet(HTML) 1 Page - STMicroelectronics

  STV7733 Datasheet HTML 1Page - STMicroelectronics STV7733 Datasheet HTML 2Page - STMicroelectronics STV7733 Datasheet HTML 3Page - STMicroelectronics STV7733 Datasheet HTML 4Page - STMicroelectronics STV7733 Datasheet HTML 5Page - STMicroelectronics STV7733 Datasheet HTML 6Page - STMicroelectronics STV7733 Datasheet HTML 7Page - STMicroelectronics STV7733 Datasheet HTML 8Page - STMicroelectronics STV7733 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
Preliminary Data
This is preliminary information on a new product now in development or undergoing evaluation. Details are subject to
change without notice.
May 2007
Rev 1
1/28
28
STV7733
320 output dot-matrix display driver
Features
s
High-voltage, row/column driver IC
s
320, tri-level (high-voltage, medium voltage
and ground) power outputs:
– capable of operating at 90 V, absolute max.
– capable of sinking or sourcing 2 mA
– Hi-Z
s
Logic supply range: 2.5V to 3.3V
s
Slim shape die for COG, COF and TCP
solutions
s
Interface:
– four dual (2-bit) input serial buses:
DBA[1:2], DBB[1:2], DBC[1:2] and DBD[1:2]
operating at shift clock frequency of
10 MHz, max.
– three control inputs: shift clock direction
(DIR), chip select (/CS) and data latch
(/DL)
– two “all output” stage control inputs: AOC1
and AOC2
s
Power supplies:
– high-voltage for power outputs: 90 V, max.
– logic supply suitable for battery powered
applications: 2.5V, min.
Description
The STV7733 device is a low-power,
controller/driver IC for dot-matrix displays. Data is
encoded on two bits to select one of four possible
output states: high level, medium level, ground or
high impedance (Hi-Z).
Inputs AOC1 and AOC2 control the all output
stages simultaneously to select one of five
possible configurations: high level, medium level,
ground, Hi-Z or data through.
Except for the data through mode, the
configuration selected by AOC1 and AOC2 is
applied to all outputs at the same time.
The STV7733 communicates with the host
controller through an 8-bit parallel interface. The
input data bus is organized as four, 2 x 80-bit shift
registers operating in parallel at a maximum clock
frequency of 10MHz.
Logic inputs are LVCMOS compatible.
The STV7733 is available in bumped die form.
Bumped die can be assembled in either a TCP or
COG module.
Figure 1.
Block diagram
AOC1
DB
A1
DB
A2
DIR
/CS
SCLK
VDD
/DL
VSSL
DBB1
DBB2
DB
C1
DB
C2
AOC2
HVDD
STBTEST
OUT1
OUT2
OUT320
MVDD
2 x 320-bit latch
Q1 Q2 Q3 Q4
Q320
Output control
Tri-level output buffer stage
DB
D1
DB
D2
2 x 80-bit shift register
VSSP
HVDD
MVDD
VSSP
POE
VSSS
2 x 80-bit shift register
2 x 80-bit shift register
2 x 80-bit shift register
OE
www.st.com


Similar Part No. - STV7733

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STV7710 STMICROELECTRONICS-STV7710 Datasheet
121Kb / 19P
Vacuum Fluorescent Display (VFD) Driver
Apr-2004
STV7710 STMICROELECTRONICS-STV7710 Datasheet
197Kb / 21P
Vaccum fluorescent display (VFD) driver
11-Jul-2007
STV7710/WAF STMICROELECTRONICS-STV7710/WAF Datasheet
121Kb / 19P
Vacuum Fluorescent Display (VFD) Driver
Apr-2004
STV7710BMP STMICROELECTRONICS-STV7710BMP Datasheet
197Kb / 21P
Vaccum fluorescent display (VFD) driver
11-Jul-2007
STV7710WAF STMICROELECTRONICS-STV7710WAF Datasheet
197Kb / 21P
Vaccum fluorescent display (VFD) driver
11-Jul-2007
More results

Similar Description - STV7733

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC75710NE SANYO-LC75710NE Datasheet
541Kb / 20P
Dot Matrix VFD Display Controller/Driver
logo
Hitachi Semiconductor
HD66130T HITACHI-HD66130T Datasheet
64Kb / 16P
320-channel Low-voltage Segment Driver for Dot-Matrix STN Liquid Crystal Display
logo
Marktech Corporate
MTAN1135-ASR MARKTECH-MTAN1135-ASR Datasheet
49Kb / 1P
DOT MATRIX DISPLAY
MTAN2123-11A MARKTECH-MTAN2123-11A Datasheet
48Kb / 1P
DOT MATRIX DISPLAY
MTAN2124-13A MARKTECH-MTAN2124-13A Datasheet
50Kb / 1P
DOT MATRIX DISPLAY
logo
Ningbo Foryard Optoelec...
FYM-12882CX FORYARD-FYM-12882CX Datasheet
412Kb / 5P
DOT MATRIX DISPLAY
FYM-15881CX FORYARD-FYM-15881CX Datasheet
2Mb / 5P
DOT MATRIX DISPLAY
FYM-15883AXX FORYARD-FYM-15883AXX Datasheet
2Mb / 5P
DOT MATRIX DISPLAY
FYM-23881AXXX FORYARD-FYM-23881AXXX Datasheet
316Kb / 5P
DOT MATRIX DISPLAY
FYM-23881A-BUW-X1 FORYARD-FYM-23881A-BUW-X1 Datasheet
465Kb / 5P
Dot Matrix Display
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com