Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33911 Datasheet (PDF) - Freescale Semiconductor, Inc

33911 Datasheet PDF - Freescale Semiconductor, Inc
Part # 33911
Download  33911 Download
File Size   827.96 Kbytes
Page   45 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description LIN System Basis Chip with DC Motor Pre-driver

33911 Datasheet (PDF)

Go To PDF Page Download Datasheet
33911 Datasheet PDF - Freescale Semiconductor, Inc

Part # 33911
Download  33911 Click to download

File Size   827.96 Kbytes
Page   45 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description LIN System Basis Chip with DC Motor Pre-driver

33911 Datasheet (HTML) - Freescale Semiconductor, Inc


33911 Product details

The 33911G5/BAC is a Serial Peripheral Interface (SPI) controlled System Basis Chip (SBC), combining many frequently used functions in an MCU based system, plus a Local Interconnect Network (LIN) transceiver. The 33911 has a 5.0 V, 50 mA/60 mA low dropout regulator with full protection and reporting features. The device provides full SPI readable diagnostics and a selectable timing watchdog for detecting errant operation. The LIN Protocol Specification 2.0 and 2.1 compliant LIN transceiver has waveshaping circuitry that can be disabled for higher data rates.

Features
• Full-duplex SPI interface at frequencies up to 4.0 MHz
• LIN transceiver capable of up to 100 kbps with wave shaping
• One 50 mA/60 mA high side and two 150 mA/60 mA low side protected switches
• Two high voltage analog/logic Inputs
• Configurable window watchdog
• 5.0 V low drop regulator with fault detection and low voltage reset (LVR) circuitry
• Pb-free packaging designated by suffix code AC




Similar Part No. - 33911

ManufacturerPart #DatasheetDescription
logo
Heyco.
3391 HEYCO-3391 Datasheet
75Kb / 1P
Lockit™ Cable Holders - Arrowhead Mount
logo
Sumida Corporation
3391-T044 SUMIDA-3391-T044 Datasheet
130Kb / 1P
General Power Transformer
3391-T047 SUMIDA-3391-T047 Datasheet
130Kb / 1P
General Power Transformer
logo
Freescale Semiconductor...
33910 FREESCALE-33910 Datasheet
765Kb / 44P
LIN System Basis Chip with 2x60mA High Side Drivers
33910 FREESCALE-33910 Datasheet
1Mb / 90P
LIN System Basis Chip with High
More results


Similar Description - 33911

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC33689 MOTOROLA-MC33689 Datasheet
229Kb / 18P
System Basis Chip with LIN transceiver
logo
Freescale Semiconductor...
33912 FREESCALE-33912 Datasheet
870Kb / 47P
LIN System Basis Chip with DC Motor Pre-driver and Current
logo
ATMEL Corporation
ATA6833 ATMEL-ATA6833 Datasheet
600Kb / 25P
BLDC Motor Driver and LIN System Basis Chip
ATA6833 ATMEL-ATA6833_09 Datasheet
666Kb / 27P
BLDC Motor Driver and LIN System Basis Chip
logo
Freescale Semiconductor...
MC33912 FREESCALE-MC33912_10 Datasheet
2Mb / 94P
LIN System Basis Chip with DC Motor Pre-driver and Current Sense
MC33911 FREESCALE-MC33911_10 Datasheet
1Mb / 92P
LIN System Basis Chip with DC Motor Pre-driver
33910 FREESCALE-33910_10 Datasheet
1Mb / 90P
LIN System Basis Chip with High
logo
ATMEL Corporation
ATA6843 ATMEL-ATA6843_14 Datasheet
1Mb / 27P
BLDC Motor Driver and LIN System Basis Chip
ATA6844 ATMEL-ATA6844_14 Datasheet
1Mb / 27P
BLDC Motor Driver and LIN System Basis Chip
ATA664151 ATMEL-ATA664151_14 Datasheet
1Mb / 50P
LIN System Basis Chip with LIN Transceiver
More results




About Freescale Semiconductor, Inc


Freescale Semiconductor was an American semiconductor company that was founded in 1948.
The company was a leading provider of microcontrollers, sensors, and other semiconductor products for various applications in the automotive, industrial, and consumer markets.
Freescale's products were known for their high performance, low power consumption, and small form factor.
The company was acquired by NXP Semiconductors in 2015, and its products and technologies continue to be developed and sold under the NXP brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com