Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33911 Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

Part # 33911
Description  LIN System Basis Chip with DC Motor Pre-driver
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33911 Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  33911 Datasheet HTML 1Page - Freescale Semiconductor, Inc 33911 Datasheet HTML 2Page - Freescale Semiconductor, Inc 33911 Datasheet HTML 3Page - Freescale Semiconductor, Inc 33911 Datasheet HTML 4Page - Freescale Semiconductor, Inc 33911 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33911 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33911 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33911 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33911 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 45 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
3
33911
PIN CONNECTIONS
PIN CONNECTIONS
Figure 3. 33911 Pin Connections
Table 1. 33911 Pin Definitions
A functional description of each pin can be found in the Functional Pin Description section beginning on page 20.
Pin
Pin Name
Formal Name
Definition
1
RXD
Receiver Output
This pin is the receiver output of the LIN interface which reports the state of
the bus voltage to the MCU interface.
2
TXD
Transmitter Input
This pin is the transmitter input of the LIN interface which controls the state of
the bus output.
3
MISO
SPI Output
SPI (Serial Peripheral Interface) data output. When CS is high, pin is in the
high-impedance state.
4
MOSI
SPI Input
SPI (Serial Peripheral Interface) data input.
5
SCLK
SPI Clock
SPI (Serial Peripheral Interface) clock Input.
6
CS
SPI Chip Select
SPI (Serial Peripheral Interface) chip select input pin. CS is active low.
7
ADOUT0
Analog Output Pin 0
Analog Multiplexer Output.
8
PWMIN
PWM Input
High side and low side pulse-width modulation input.
9
RST
Internal Reset I/O
Bidirectional reset I/O pin - driven low when any internal reset source is
asserted. RST is active low.
10
IRQ
Internal Interrupt
Output
Interrupt output pin, indicating wake-up events from Stop Mode or events from
Normal and Normal Request Modes. IRQ is active low.
8
PWMIN
7
ADOUT0
5
SCLK
4
MOSI
3
MISO
1
RXD
2
TXD
6
CS
17
LS2
18
PGND
20
NC*
21
NC*
22
L2
24
NC*
23
L1
19
LS1
* Special Configuration Recommended /
Mandatory for Marked NC Pins



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com