Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33911 Datasheet(PDF) 35 Page - Freescale Semiconductor, Inc

Part # 33911
Description  LIN System Basis Chip with DC Motor Pre-driver
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33911 Datasheet(HTML) 35 Page - Freescale Semiconductor, Inc

Back Button 33911 Datasheet HTML 31Page - Freescale Semiconductor, Inc 33911 Datasheet HTML 32Page - Freescale Semiconductor, Inc 33911 Datasheet HTML 33Page - Freescale Semiconductor, Inc 33911 Datasheet HTML 34Page - Freescale Semiconductor, Inc 33911 Datasheet HTML 35Page - Freescale Semiconductor, Inc 33911 Datasheet HTML 36Page - Freescale Semiconductor, Inc 33911 Datasheet HTML 37Page - Freescale Semiconductor, Inc 33911 Datasheet HTML 38Page - Freescale Semiconductor, Inc 33911 Datasheet HTML 39Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 45 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
35
33911
FUNCTIONAL DEVICE OPERATIONS
LOGIC COMMANDS AND REGISTERS
MOD2, MOD1 - Mode Control Bits
These write-only bits select the operating mode and allow
to clear the watchdog in accordance with Table 12 Mode
Control Bits.
Table 10. Mode Control Bits
Voltage Status Register - VSR
Returns the status of the several voltage monitors. This
register is also returned when writing to the Mode Control
Register (MCR).
VSOV - VSUP Over-voltage
This read-only bit indicates an over-voltage condition on
the VS1 pin.
1 = Over-voltage condition.
0 = Normal condition.
VSUV - VSUP Under-voltage
This read-only bit indicates an under-voltage condition on
the VS1 pin.
1 = Under-voltage condition.
0 = Normal condition.
VDDOT - Main Voltage Regulator Over-temperature
Warning
This read-only bit indicates that the main voltage regulator
temperature reached the Over-temperature Prewarning
Threshold.
1 = Over-temperature Prewarning
0 = Normal
BATFAIL - Battery Fail Flag.
This read-only bit is set during power-up and indicates that
the 33911 had a Power On Reset (POR).
Any access to the MCR or Voltage Status Register (VSR)
will clear the BATFAIL flag.
1 = POR Reset has occurred
0 = POR Reset has not occurred
Wake-up Control Register - WUCR
This register is used to control the digital wake-up inputs.
Writing the Wake-up Control Register (WUCR) will return the
Wake-up Status Register (WUSR).
Table 12. Wake-up Control Register - $2
LxWE - Wake-up Input x Enable
This write-only bit enables/disables which Lx inputs are
enabled. In Stop and Sleep mode the LxWE bit determines
which wake inputs are active for wake-up. If one of the Lx
inputs is selected on the analog multiplexer, the
corresponding LxWE is masked to 0.
1 = Wake-up Input x enabled.
0 = Wake-up Input x disabled.
Wake-up Status Register - WUSR
This register is used to monitor the digital wake-up inputs
and is also returned when writing to the WUCR.
Lx - Wake-up input x
This read-only bit indicates the status of the corresponding
Lx input. If the Lx input is not enabled then the according
Wake-Up status will return 0.
After a wake-up form Stop or Sleep Mode these bits also
allow to determine which input has caused the wake-up, by
first reading the Interrupt Status Register (ISR) and then
reading the WUSR.
1 = Lx Wake-up.
0 = Lx Wake-up disabled or selected as analog input.
MOD2
MOD1
Description
0
0
Normal Mode
0
1
Stop Mode
1
0
Sleep Mode
1
1
Normal Mode + watchdog Clear
Table 11. Voltage Status Register - $0/$1
S3
S2
S1
S0
Read
VSOV
VSUV
VDDOT
BATFAIL
C3
C2
C1
C0
Write
0
0
L2WE
L1WE
Reset
Value
1
1
1
1
Reset
Condition
POR, Reset Mode or ext_reset
Table 13. Wake-Up Status Register - $2/$3
S3
S2
S1
S0
Read
-
-
L2
L1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com