Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33911 Datasheet(PDF) 12 Page - Freescale Semiconductor, Inc

Part # 33911
Description  LIN System Basis Chip with DC Motor Pre-driver
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33911 Datasheet(HTML) 12 Page - Freescale Semiconductor, Inc

Back Button 33911 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33911 Datasheet HTML 9Page - Freescale Semiconductor, Inc 33911 Datasheet HTML 10Page - Freescale Semiconductor, Inc 33911 Datasheet HTML 11Page - Freescale Semiconductor, Inc 33911 Datasheet HTML 12Page - Freescale Semiconductor, Inc 33911 Datasheet HTML 13Page - Freescale Semiconductor, Inc 33911 Datasheet HTML 14Page - Freescale Semiconductor, Inc 33911 Datasheet HTML 15Page - Freescale Semiconductor, Inc 33911 Datasheet HTML 16Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 45 page
background image
Analog Integrated Circuit Device Data
12
Freescale Semiconductor
33911
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
RXD OUTPUT PIN (LIN PHYSICAL LAYER) (RXD)
Low-state Output Voltage
IOUT = 1.5mA
VOL
0.0
–
0.8
V
High-state Output Voltage
IOUT = -250µA
VOH
VDD -0.8
–
VDD
V
TXD INPUT PIN (LIN PHYSICAL LAYER) (TXD)
Low-state Input Voltage
VIL
-0.3
–
0.3 x VDD
V
High-state Input Voltage
VIH
0.7 x VDD
–
VDD +0.3
V
Pin Pull-up Current, 0V < VIN < 3.5V
IPUIN
10
20
30
µA
LIN PHYSICAL LAYER, TRANSCEIVER (LIN)(40)
Output Current Limitation
Dominant State, VBUS = 18V
IBUSLIM
40
120
200
mA
Leakage Output Current to GND
Dominant State; VBUS = 0V; VBAT = 12V
Recessive State; 8V
< V
BAT < 18V; 8V < VBUS < 18V; VBUS ≥ VBAT
GND Disconnected; GNDDEVICE = VSUP; VBAT = 12V; 0V < VBUS < 18V
VBAT Disconnected; VSUP_DEVICE = GND; 0V < VBUS < 18V
IBUS_PAS_DOM
IBUS_PAS_REC
IBUS_NO_GND
IBUS
-1.0
–
-1.0
–
–
–
–
–
–
20
1.0
100
mA
µA
mA
µA
Receiver Input Voltages
Receiver Dominant State
Receiver Recessive State
Receiver Threshold Center (VTH_DOM + VTH_REC)/2
Receiver Threshold Hysteresis (VTH_REC - VTH_DOM)
VBUSDOM
VBUSREC
VBUS_CNT
VHYS
–
0.6
0.475
–
–
–
0.5
–
0.4
–
0.525
0.175
VSUP
LIN Transceiver Output Voltage
Recessive State, TXD HIGH, IOUT = 1.0 µA
Dominant State, TXD LOW, 500
Ω External Pull-up Resistor, LDVS = 0
Dominant State, TXD LOW, 500
Ω External Pull-up Resistor, LDVS = 1
VLIN_REC
VLIN_DOM_0
VLIN_DOM_1
VSUP-1
–
–
–
1.1
1.7
–
1.4
2
V
LIN Pull-up Resistor to VSUP
RSLAVE
20
30
60
k
Ω
Over-temperature Shutdown(41)
TLINSD
150
165
180
°C
Over-temperature Shutdown Hysteresis
TLINSD_HYS
–
10
–
°C
Notes
40.
Parameters guaranteed for 7.0V
≤ V
SUP ≤ 18V.
41.
When over-temperature shutdown occurs, the LIN bus goes into a recessive state and the flag LINOT in the LINSR is set.
Table 3. Static Electrical Characteristics (continued)
Characteristics noted under conditions 5.5V
≤ V
SUP ≤ 18V, -40°C ≤ TA ≤ 125°C for the 33911 and -40°C ≤ TA ≤ 85°C for the
34911, unless otherwise noted. Typical values noted reflect the approximate parameter mean at TA = 25°C under nominal
conditions, unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com