Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33911 Datasheet(PDF) 39 Page - Freescale Semiconductor, Inc

Part # 33911
Description  LIN System Basis Chip with DC Motor Pre-driver
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33911 Datasheet(HTML) 39 Page - Freescale Semiconductor, Inc

Back Button 33911 Datasheet HTML 35Page - Freescale Semiconductor, Inc 33911 Datasheet HTML 36Page - Freescale Semiconductor, Inc 33911 Datasheet HTML 37Page - Freescale Semiconductor, Inc 33911 Datasheet HTML 38Page - Freescale Semiconductor, Inc 33911 Datasheet HTML 39Page - Freescale Semiconductor, Inc 33911 Datasheet HTML 40Page - Freescale Semiconductor, Inc 33911 Datasheet HTML 41Page - Freescale Semiconductor, Inc 33911 Datasheet HTML 42Page - Freescale Semiconductor, Inc 33911 Datasheet HTML 43Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 45 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
39
33911
FUNCTIONAL DEVICE OPERATIONS
LOGIC COMMANDS AND REGISTERS
WDERR - Watchdog Error
This read-only bit signals the detection of a missing
watchdog resistor. In this condition the watchdog is using the
internal, lower precision timebase. The Windowing function is
disabled.
1 = WDCONF pin resistor missing
0 = WDCONF pin resistor not floating
WDOFF - Watchdog Off
This read-only bit signals that the watchdog pin connected
to Ground and therefore disabled. In this case watchdog
timeouts are disabled and the device automatically enters
Normal Mode out of Reset. This might be necessary for
software debugging and for programming the Flash memory.
1 = Watchdog is disabled
0 = Watchdog is enabled
WDWO - Watchdog Window Open
This read-only bit signals when the watchdog window is
open for clears. The purpose of this bit is for testing. Should
be ignored in case WDERR is High.
1 = Watchdog window open
0 = Watchdog window closed
Analog Multiplexer Control Register - MUXCR
This register controls the analog multiplexer and selects
the divider ration for the Lx input divider.
LXDS - Lx Analog Input Divider Select
This write-only bit selects the resistor divider for the Lx
analog inputs. Voltage is internally clamped to VDD.
0 = Lx Analog divider: 1
1 = Lx Analog divider: 3.6 (typ.)
MXx - Analog Multiplexer Input Select
These write-only bits selects which analog input is
multiplexed to the ADOUT0 pin according to Table 26.
When disabled or when in Stop or Sleep Mode, the output
buffer is not powered and the ADOUT0 output is left floating
to achieve lower current consumption.
Table 26. Analog Multiplexer Channel Select
Configuration Register - CFR
This register controls the cyclic sense timing multiplier.
CYSX8 - Cyclic Sense Timing x 8.
This write-only bit influences the cyclic sense period as
shown in Table 23.
1 = Multiplier enabled
0 = None
Table 25. Analog Multiplexer Control Register -$C
C3
C2
C1
C0
Write
LXDS
MX2
MX1
MX0
Reset
Value
1
000
Reset
Condition
POR
POR, Reset Mode or ext_reset
MX2
MX1
MX0
Meaning
0
0
0
Disabled
0
0
1
Reserved
0
1
0
Die Temperature Sensor
0
1
1
VSENSE input
1
0
0
L1 input
1
0
1
L2 input
1
1
0
Reserved
1
1
1
Reserved
Table 27. Configuration Register - $D
C3
C2
C1
C0
Write
0
CYSX8
0
0
Reset
Value
00
0
0
Reset
Condition
POR, Reset
Mode or
ext_reset
POR
POR
POR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com