Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33911 Datasheet(PDF) 17 Page - Freescale Semiconductor, Inc

Part # 33911
Description  LIN System Basis Chip with DC Motor Pre-driver
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33911 Datasheet(HTML) 17 Page - Freescale Semiconductor, Inc

Back Button 33911 Datasheet HTML 13Page - Freescale Semiconductor, Inc 33911 Datasheet HTML 14Page - Freescale Semiconductor, Inc 33911 Datasheet HTML 15Page - Freescale Semiconductor, Inc 33911 Datasheet HTML 16Page - Freescale Semiconductor, Inc 33911 Datasheet HTML 17Page - Freescale Semiconductor, Inc 33911 Datasheet HTML 18Page - Freescale Semiconductor, Inc 33911 Datasheet HTML 19Page - Freescale Semiconductor, Inc 33911 Datasheet HTML 20Page - Freescale Semiconductor, Inc 33911 Datasheet HTML 21Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 45 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
17
33911
ELECTRICAL CHARACTERISTICS
TIMING DIAGRAMS
Figure 7. LIN Timing Measurements for Normal Slew Rate
Figure 8. LIN Timing Measurements for Slow Slew Rate
TXD
LIN
RXD
tBIT
tBIT
tBUS_DOM (MAX)
tBUS_REC (MIN)
tREC - MAX
tDOM - MIN
tDOM - MIN
tRREC
tRDOM
28.4% VSUP
58.1% VSUP
40.0% VSUP
60.0% VSUP
74.4% VSUP
42.2% VSUP
40.0% VSUP
58.1% VSUP
28.4% VSUP
tBUS_DOM (MIN)
tBUS_REC (MAX)
tDOM - MAX
tREC - MIN
VLIN_REC
TXD
LIN
RXD
tBIT
tBIT
tBUS_DOM (MAX)
tBUS_REC (MIN)
tREC - MAX
tDOM - MIN
tDOM - MIN
tRREC
tRDOM
25.1% VSUP
61.6% VSUP
40.0% VSUP
60.0% VSUP
77.8% VSUP
38.9% VSUP
40.0% VSUP
61.6% VSUP
25.1% VSUP
tBUS_DOM (MIN)
tBUS_REC (MAX)
tDOM - MAX
tREC - MIN
VLIN_REC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com