Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33911 Datasheet(PDF) 10 Page - Freescale Semiconductor, Inc

Part # 33911
Description  LIN System Basis Chip with DC Motor Pre-driver
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33911 Datasheet(HTML) 10 Page - Freescale Semiconductor, Inc

Back Button 33911 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33911 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33911 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33911 Datasheet HTML 9Page - Freescale Semiconductor, Inc 33911 Datasheet HTML 10Page - Freescale Semiconductor, Inc 33911 Datasheet HTML 11Page - Freescale Semiconductor, Inc 33911 Datasheet HTML 12Page - Freescale Semiconductor, Inc 33911 Datasheet HTML 13Page - Freescale Semiconductor, Inc 33911 Datasheet HTML 14Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 45 page
background image
Analog Integrated Circuit Device Data
10
Freescale Semiconductor
33911
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
HIGH SIDE OUTPUT HS1 PIN (HS1)
Output Drain-to-Source On resistance
TJ = 25°C, ILOAD = 50mA; VSUP > 9.0V
TJ = 150°C, ILOAD = 50mA; VSUP > 9.0V
(27)
TJ = 150°C, ILOAD = 30mA; 5.5V < VSUP < 9.0V
(27)
RDS(ON)
–
–
–
–
–
–
7.0
10
14
Ω
Output Current Limitation(28)
0V < VOUT < VSUP - 2.0V
ILIMHS1
60
120
250
mA
Open Load Current Detection(29)
IOLHS1
–
5.0
7.5
mA
Leakage Current
-0.2V < VHS1 < VS2 + 0.2V
ILEAK
–
–
10
µA
Short-circuit Detection Threshold(30)
5.5V < VSUP < 27V
VTHSC
VSUP -2
–
–
V
Over-temperature Shutdown(31), (36)
THSSD
150
165
180
°C
Over-temperature Shutdown Hysteresis(36)
THSSD_HYS
–
10
–
°C
LOW SIDE OUTPUTS LS1 AND LS2 PINS (LS1, LS2)
Output Drain-to-Source On resistance
TJ = 25°C, ILOAD = 150mA, VSUP > 9.0V
TJ = 125°C, ILOAD = 150mA, VSUP > 9.0V
TJ = 125°C, ILOAD = 120mA, 5.5V < VSUP < 9.0V
RDS(ON)
–
–
–
–
–
–
2.5
4.5
10
Ω
Output Current Limitation (32)
2.0V < VOUT < VSUP
ILIMLSX
160
275
350
mA
Open Load Current Detection(33)
IOLLSX
–
8.0
12
mA
Leakage Current
-0.2V < VOUT < VS1
ILEAK
–
–
10
µA
Active Output Energy Clamp
IOUT = 150mA
VCLAMP
VSUP +2
–
VSUP +5
V
Short-circuit Detection Threshold(34)
5.5V < VSUP < 27V
VTHSC
2.0
–
–
V
Over-temperature Shutdown(35), (36)
TLSSD
150
165
180
°C
Over-temperature Shutdown Hysteresis(36)
TLSSD_HYS
–
10
–
°C
Notes
27.
This parameter is production tested up to TA = 125°C and guaranteed by process monitoring up to TJ = 150°C.
28.
When over-current occurs, the High Side stays ON with limited current capability and the HS1CL flag is set in the HSSR
.
29.
When open Load occurs, the flag (HS1OP) is set in the HSSR
.
30.
When short-circuit occurs and if the HVSE flag is enabled, HS1 automatically shut down.
31.
When over-temperature Shutdown occurs, the High Side is turned off. All flags in HSSR are set.
32.
When over-current occurs, the corresponding Low Side stays ON with limited current capability and the LSxCL flag is set in the LSSR
.
33.
When open load occurs, the flag (LSxOP) is set in the LSSR.
34.
When short-circuit occurs and if the HVSE flag is enabled, both LS automatically shut down.
35.
When over-temperature shutdown occurs, both Low Sides are turned off. All flags in LSSR are set.
36.
Guaranteed by characterization but not production tested
Table 3. Static Electrical Characteristics (continued)
Characteristics noted under conditions 5.5V
≤ V
SUP ≤ 18V, -40°C ≤ TA ≤ 125°C for the 33911 and -40°C ≤ TA ≤ 85°C for the
34911, unless otherwise noted. Typical values noted reflect the approximate parameter mean at TA = 25°C under nominal
conditions, unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com