Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33911 Datasheet(PDF) 15 Page - Freescale Semiconductor, Inc

Part # 33911
Description  LIN System Basis Chip with DC Motor Pre-driver
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33911 Datasheet(HTML) 15 Page - Freescale Semiconductor, Inc

Back Button 33911 Datasheet HTML 11Page - Freescale Semiconductor, Inc 33911 Datasheet HTML 12Page - Freescale Semiconductor, Inc 33911 Datasheet HTML 13Page - Freescale Semiconductor, Inc 33911 Datasheet HTML 14Page - Freescale Semiconductor, Inc 33911 Datasheet HTML 15Page - Freescale Semiconductor, Inc 33911 Datasheet HTML 16Page - Freescale Semiconductor, Inc 33911 Datasheet HTML 17Page - Freescale Semiconductor, Inc 33911 Datasheet HTML 18Page - Freescale Semiconductor, Inc 33911 Datasheet HTML 19Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 45 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
15
33911
ELECTRICAL CHARACTERISTICS
DYNAMIC ELECTRICAL CHARACTERISTICS
LIN PHYSICAL LAYER: DRIVER CHARACTERISTICS FOR FAST SLEW RATE
LIN Fast Slew Rate (Programming Mode)
SRFAST
—20—
V/
µs
LIN PHYSICAL LAYER: CHARACTERISTICS AND WAKE-UP TIMINGS(49)
Propagation Delay and Symmetry(50)
Propagation Delay Receiver, tREC_PD = max (tREC_PDR, tREC_PDF)
Symmetry of Receiver Propagation Delay tREC_PDF - tREC_PDR
tREC_PD
tREC_SYM
—
-2.0
3.0
—
6.0
2.0
µs
Bus Wake-up Deglitcher (Sleep and Stop Modes)(51)
tPROPWL
42
70
95
µs
Bus Wake-up Event Reported
From Sleep Mode(52)
From Stop Mode(53)
tWAKE
tWAKE
—
9.0
—
13
1500
17
µs
TXD Permanent Dominant State Delay
tTXDDOM
0.65
1.0
1.35
s
PULSE WIDTH MODULATION INPUT PIN (PWMIN)
PWMIN pin(54)
Max. frequency to drive HS and LS output pins
fPWMIN
10
kHz
Notes
49.
VSUP from 7.0V to 18V, bus load RBUS and CBUS 1.0nF / 1.0kΩ, 6.8nF / 660Ω, 10nF / 500Ω. Measurement thresholds: 50% of TXD
signal to LIN signal threshold defined at each parameter. See Figure 6, page 17.
50.
See Figure 9, page 18
51.
See Figure 10, page 18 for Sleep and Figure 11, page 18 for Stop Mode.
52.
The measurement is done with 1µF capacitor and 0mA current load on VDD. The value takes into account the delay to charge the
capacitor. The delay is measured between the bus wake-up threshold (VBUSWU) rising edge of the LIN bus and when VDD reaches 3.0V.
See Figure 10, page 18. The delay depends of the load and capacitor on VDD.
53.
In Stop Mode, the delay is measured between the bus wake-up threshold (VBUSWU) and the falling edge of the IRQ pin. See Figure 11,
page 18.
54.
This parameter is guaranteed by process monitoring but not production tested.
Table 4. Dynamic Electrical Characteristics (continued)
Characteristics noted under conditions 5.5V
≤ V
SUP ≤ 18V, -40°C ≤ TA ≤ 125°C for the 33911 and -40°C ≤ TA ≤ 85°C for the
34911, otherwise noted. Typical values noted reflect the approximate parameter mean at TA = 25°C under nominal conditions,
unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com