Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33911 Datasheet(PDF) 28 Page - Freescale Semiconductor, Inc

Part # 33911
Description  LIN System Basis Chip with DC Motor Pre-driver
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33911 Datasheet(HTML) 28 Page - Freescale Semiconductor, Inc

Back Button 33911 Datasheet HTML 24Page - Freescale Semiconductor, Inc 33911 Datasheet HTML 25Page - Freescale Semiconductor, Inc 33911 Datasheet HTML 26Page - Freescale Semiconductor, Inc 33911 Datasheet HTML 27Page - Freescale Semiconductor, Inc 33911 Datasheet HTML 28Page - Freescale Semiconductor, Inc 33911 Datasheet HTML 29Page - Freescale Semiconductor, Inc 33911 Datasheet HTML 30Page - Freescale Semiconductor, Inc 33911 Datasheet HTML 31Page - Freescale Semiconductor, Inc 33911 Datasheet HTML 32Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 45 page
background image
Analog Integrated Circuit Device Data
28
Freescale Semiconductor
33911
FUNCTIONAL DEVICE OPERATIONS
OPERATIONAL MODES
Figure 17. High Side Driver HS1
Open Load Detection
The high side driver signals an open-load condition if the
current through the high side is below the open-load current
threshold.
The open-load condition is indicated with the HS1OP bits
in the High Side Status Register (HSSR).
Current Limitation
The high side driver has an output current limitation. In
combination with the over-temperature shutdown, the high
side driver is protected against over-current and short-circuit
failures.
When the driver operates in the current limitation area, it is
indicated with the bit HS1CL in the HSSR.
Note: If the driver is operating in current limitation mode
excessive power might be dissipated.
Over-temperature Protection (HS Interrupt)
The high side driver is protected against over-temperature.
In case of an over-temperature condition, the high side driver
is shut down and the event is latched in the Interrupt Control
Module. The shutdown is indicated as an HS Interrupt in the
Interrupt Source Register (ISR).
A thermal shutdown of the high side driver is indicated by
setting the HS1OP and HS1CL bits simultaneously.
If the bit HSM is set in the Interrupt Mask Register (IMR)
than an interrupt (IRQ) is generated.
A write to the High Side Control Register (HSCR), when
the over-temperature condition is gone, will re-enable the
high side driver.
High-voltage Shutdown
In case of a high-voltage condition, and if the high-voltage
shutdown is enabled (bit HVSE in the Mode Control Register
(MCR) is set), the high side driver is shut down.
A write to the HSCR, when the high-voltage condition is
gone, will re-enable the high side driver.
Sleep And Stop Mode
The high side driver can be enabled to operate in Sleep
and Stop Mode for cyclic sensing. Also see Table 5,
Operating Modes Overview.
High Side - Driver
charge pump
open load detection
current limitation
overtemperture shutdown (interrupt maskable)
high voltage shutdown (maskable)
Control
on/off
Status
PWMIN
VDD
PWMHS1
HS1
HVSE
HS1OP
HS1CL
MOD1:2
Interrupt
Control
Module
HS1
VS2
VDD
Wakeup
Module



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com