Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33911 Datasheet(PDF) 36 Page - Freescale Semiconductor, Inc

Part # 33911
Description  LIN System Basis Chip with DC Motor Pre-driver
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33911 Datasheet(HTML) 36 Page - Freescale Semiconductor, Inc

Back Button 33911 Datasheet HTML 32Page - Freescale Semiconductor, Inc 33911 Datasheet HTML 33Page - Freescale Semiconductor, Inc 33911 Datasheet HTML 34Page - Freescale Semiconductor, Inc 33911 Datasheet HTML 35Page - Freescale Semiconductor, Inc 33911 Datasheet HTML 36Page - Freescale Semiconductor, Inc 33911 Datasheet HTML 37Page - Freescale Semiconductor, Inc 33911 Datasheet HTML 38Page - Freescale Semiconductor, Inc 33911 Datasheet HTML 39Page - Freescale Semiconductor, Inc 33911 Datasheet HTML 40Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 45 page
background image
Analog Integrated Circuit Device Data
36
Freescale Semiconductor
33911
FUNCTIONAL DEVICE OPERATIONS
LOGIC COMMANDS AND REGISTERS
LIN Control Register - LINCR
This register controls the LIN physical interface block.
Writing the LIN Control Register (LINCR) returns the LIN
Status Register (LINSR).
* LIN failure gone: if LIN failure (overtemp, TxD/RxD short) was set, the flag
resets automatically when the failure is gone.
LDVS - LIN Dominant Voltage Select
This write-only bit controls the LIN Dominant voltage:
1 = LIN Dominant Voltage = VLIN_DOM_1 (1.7V typ)
0 = LIN Dominant Voltage = VLIN_DOM_0 (1.1V typ)
RXONLY - LIN Receiver Operation Only.
This write-only bit controls the behavior of the LIN
transmitter.
In Normal mode the activation of the RXONLY bit disables
the LIN transmitter. In case of a LIN error condition this bit is
automatically set.
In Stop Mode this bit disables the LIN wake-up
functionality and the RXD pin will reflect the state of the LIN
bus.
1 = only LIN receiver active (Normal Mode) or LIN wake-
up disabled (Stop Mode).
0 = LIN fully enabled.
LSRx - LIN Slew-Rate
This write-only bit controls the LIN driver slew-rate in
accordance with Table 15.
Table 15. LIN Slew-Rate Control
LIN Status Register - LINSR
This register returns the status of the LIN physical
interface block and is also returned when writing to the LIN
Control Register (LINCR).
RXSHORT - RXD Short-circuit
This read-only bit indicates a short-circuit condition on
RXD (shorted either to 5.0V or to Ground). The short-circuit
delay must be 8µs worst case to be detected and to shutdown
the driver. To clear this bit, it must be read after the condition
is gone (transition detected on RXD). The LIN driver is
automatically re-enabled once the condition is gone.
1 = RxD short-circuit condition.
0 = None.
TXDOM - TXD Permanent Dominant
This read-only bit signals the detection of a TXD pin stuck
at dominant (Ground) condition and the resultant shutdown in
the LIN transmitter. This condition is detected after the TXD
pin remains in dominant state for more than 1 second typical
value.
To clear this bit, it must be read after TXD has gone high.
The LIN driver is automatically re-enabled once TXD goes
high.
1 = TXD stuck at dominant fault detected.
0 = None.
LINOT - LIN Driver Over-temperature Shutdown
This read-only bit signals that the LIN transceiver was
shut-down due to over-temperature. The transmitter is
automatically re-enabled after the over-temperature
condition is gone and TXD is high. The LINOT bit is cleared
after SPI read once the condition is gone.
1 = LIN over-temperature shutdown
0 = None
LINOC - LIN Driver Over-current Shutdown
This read-only bit signals an over-current condition
occurred on the LIN pin. The LIN driver is not shut down but
an IRQ is generated. To clear this bit, it must be read after the
condition is gone.
1 = LIN over-current shutdown
0 = None
Table 14. LIN Control Register - $4
C3
C2
C1
C0
Write
LDVS
RXONLY
LSR1
LSR0
Reset
Value
00
0
0
Reset
Condition
POR, Reset
Mode or
ext_reset
POR, Reset
Mode, ext_reset
or LIN failure
gone*
POR
LSR1
LSR0
Description
0
0
Normal Slew-Rate (up to 20kb/s)
0
1
Slow Slew-Rate (up to 10kb/s)
1
0
Fast Slew-Rate (up to 100kb/s)
1
1
Reserved
Table 16. LIN Status Register - $4/$5
S3
S2
S1
S0
Read
RXSHORT
TXDOM
LINOT
LINOC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com