Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33911 Datasheet(PDF) 23 Page - Freescale Semiconductor, Inc

Part # 33911
Description  LIN System Basis Chip with DC Motor Pre-driver
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33911 Datasheet(HTML) 23 Page - Freescale Semiconductor, Inc

Back Button 33911 Datasheet HTML 19Page - Freescale Semiconductor, Inc 33911 Datasheet HTML 20Page - Freescale Semiconductor, Inc 33911 Datasheet HTML 21Page - Freescale Semiconductor, Inc 33911 Datasheet HTML 22Page - Freescale Semiconductor, Inc 33911 Datasheet HTML 23Page - Freescale Semiconductor, Inc 33911 Datasheet HTML 24Page - Freescale Semiconductor, Inc 33911 Datasheet HTML 25Page - Freescale Semiconductor, Inc 33911 Datasheet HTML 26Page - Freescale Semiconductor, Inc 33911 Datasheet HTML 27Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 45 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
23
33911
FUNCTIONAL DEVICE OPERATIONS
OPERATIONAL MODES
FUNCTIONAL DEVICE OPERATIONS
OPERATIONAL MODES
INTRODUCTION
The 33911 offers three main operating modes: Normal
(Run), Stop, and Sleep (Low-power). In Normal Mode, the
device is active and operating under normal application
conditions. The Stop and Sleep Modes are low-power modes
with wake-up capabilities.
In Stop Mode, the voltage regulator still supplies the MCU
with VDD (limited current capability), and in Sleep Mode the
voltage regulator is turned off (VDD = 0V).
Wake-up from Stop Mode is initiated by a wake-up
interrupt. Wake-up from Sleep Mode is done by a reset and
the voltage regulator is turned back on.
The selection of the different modes is controlled by the
MOD1:2 bits in the Mode Control Register (MCR).
Figure 15 describes how transitions are done between the
different operating modes, and Table 5, 25, gives an
overview of the operating modes.
RESET MODE
The 33911 enters the Reset Mode after a power up. In this
mode, the RST pin is low for 1ms (typical value). After this
delay, the 33911 enters the Normal Request Mode and the
RST pin is driven high.
The Reset Mode is entered if a reset condition occurs (VDD
low, Watchdog trigger fail, after a wake-up from Sleep Mode,
or a Normal Request Mode timeout).
NORMAL REQUEST MODE
This is a temporary mode automatically accessed by the
device after the Reset Mode, or after a wake-up from Stop
Mode.
In Normal Request Mode, the VDD regulator is ON, the
Reset pin is high and the LIN is operating in RX Only Mode.
As soon as the device enters the Normal Request Mode,
an internal timer is started for 150ms (typical value). During
these 150ms, the MCU must configure the Timing Control
Register (TIMCR) and the MCR with MOD2 and MOD1 bits
set = 0, to enter in Normal Mode. If within the 150ms timeout
the MCU does not command the 33911 to Normal Mode, it
will enter in Reset Mode. If the WDCONF pin is grounded in
order to disable the watchdog function, the 33911 goes
directly in Normal Mode after the Reset Mode. If the
WDCONF pin is open, the 33911 stays typically for 150ms in
Normal Request before entering in Normal Mode.
NORMAL MODE
In Normal Mode, all 33911 functions are active and can be
controlled by the SPI interface and the PWMIN pin.
The VDD regulator is ON and delivers its full current
capability.
If an external resistor is connected between the WDCONF
pin and the Ground, the window watchdog function will be
enabled.
The wake-up inputs (L1 and L2) can be read as digital
inputs or have its voltage routed through the analog
multiplexer.
The LIN interface has slew rate and timing compatible with
the LIN protocol specification 2.0. The LIN bus can transmit
and receive information.
The high side and the low side switches are active and
have PWM capability according to the SPI configuration.
The interrupts are generated to report failures for VSUP
over/under-voltage, thermal shutdown or thermal shutdown
prewarning on the main regulator.
SLEEP MODE
The Sleep Mode is a low-power mode. From Normal
Mode, the device enters the Sleep Mode by sending one SPI
command through the MCR. All blocks are in their lowest
power consumption condition. Only some wake-up sources
(wake-up inputs with or without cyclic sense, forced wake-up,
and LIN receiver) are active. The 5V regulator is OFF. The
internal low-power oscillator may be active if the IC is
configured for cyclic sense. In this condition, the high side
switches are turned on periodically and the wake-up inputs
are sampled.
Wake-up from Sleep Mode is similar to a power-up. The
device goes into Reset Mode except that the SPI will report
the wake-up source, and the BATFAIL flag is not set.
STOP MODE
The Stop Mode is the second low-power mode, but in this
case the 5V regulator is ON with limited current drive
capability. The application MCU is always supplied while the
33911 is operating in Stop Mode.
The device can enter the Stop Mode only by sending a SPI
command. When the application is in this mode, it can wake-
up from the 33911 side (for example: cyclic sense, force
wake-up, LIN bus, wake inputs) or the MCU side (CS, RST
pins). Wake-up from Stop Mode will transition the 33911 to
Normal Request Mode and generate an interrupt, except if
the wake-up event is a low to high transition on the CS pin or
comes from the RST pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com