Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33911 Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc

Part # 33911
Description  LIN System Basis Chip with DC Motor Pre-driver
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33911 Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc

  33911 Datasheet HTML 1Page - Freescale Semiconductor, Inc 33911 Datasheet HTML 2Page - Freescale Semiconductor, Inc 33911 Datasheet HTML 3Page - Freescale Semiconductor, Inc 33911 Datasheet HTML 4Page - Freescale Semiconductor, Inc 33911 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33911 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33911 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33911 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33911 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 45 page
background image
Analog Integrated Circuit Device Data
4
Freescale Semiconductor
33911
PIN CONNECTIONS
12
WDCONF
Watchdog
Configuration Pin
This input pin is for configuration of the watchdog period and
allows the disabling of the watchdog.
13
LIN
LIN Bus
This pin represents the single-wire bus transmitter and receiver.
14
LGND
LIN Ground Pin
This pin is the device LIN ground connection. It is internally connected to the
PGND pin.
17
19
LS2
LS1
Low Side Outputs
Relay drivers low side outputs.
18
PGND
Power Ground Pin
This pin is the device low side ground connection. It is internally connected to
the LGND pin.
22
23
L2
L1
Wake-Up Inputs
These pins are the wake-up capable digital inputs(1). In addition, all LX inputs
can be sensed analog via the analog multiplexer.
25
HS1
High Side Output
High side switch output.
26
27
VS2
VS1
Power Supply Pin
These pins are device battery level power supply pins. VS2 is supplying the
HS1 driver while VS1 supplies the remaining blocks.(2)
29
VSENSE
Voltage Sense Pin
Battery voltage sense input. (3)
31
VDD
Voltage Regulator
Output
+5.0V main voltage regulator output pin. (4)
32
AGND
Analog Ground Pin
This pin is the device analog ground connection.
Notes
1.
When used as a digital input, a series 33k
Ω resistor must be used to protect against automotive transients.
2.
Reverse battery protection series diodes must be used externally to protect the internal circuitry.
3.
This pin can be connected directly to the battery line for voltage measurements. The pin is self-protected against reverse battery
connections. It is strongly recommended to connect a 10k
Ω resistor in series with this pin for protection purposes.
4.
External capacitor (2µF < C < 100µF; 0.1
Ω < ESR < 10Ω) required.
Table 1. 33911 Pin Definitions
A functional description of each pin can be found in the Functional Pin Description section beginning on page 20.
Pin
Pin Name
Formal Name
Definition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com