Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33911 Datasheet(PDF) 25 Page - Freescale Semiconductor, Inc

Part # 33911
Description  LIN System Basis Chip with DC Motor Pre-driver
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33911 Datasheet(HTML) 25 Page - Freescale Semiconductor, Inc

Back Button 33911 Datasheet HTML 21Page - Freescale Semiconductor, Inc 33911 Datasheet HTML 22Page - Freescale Semiconductor, Inc 33911 Datasheet HTML 23Page - Freescale Semiconductor, Inc 33911 Datasheet HTML 24Page - Freescale Semiconductor, Inc 33911 Datasheet HTML 25Page - Freescale Semiconductor, Inc 33911 Datasheet HTML 26Page - Freescale Semiconductor, Inc 33911 Datasheet HTML 27Page - Freescale Semiconductor, Inc 33911 Datasheet HTML 28Page - Freescale Semiconductor, Inc 33911 Datasheet HTML 29Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 45 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
25
33911
FUNCTIONAL DEVICE OPERATIONS
OPERATIONAL MODES
INTERRUPTS
Interrupts are used to signal a microcontroller that a
peripheral needs to be serviced. The interrupts which can be
generated change according to the operating mode. While in
Normal and Normal Request Modes, the 33911 signals
through interrupts special conditions which may require a
MCU software action. Interrupts are not generated until all
pending wake-up sources are read in the Interrupt Source
Register (ISR).
While in Stop Mode, interrupts are used to signal wake-up
events. Sleep Mode does not use interrupts, wake-up is
performed by powering-up the MCU. In Normal and Normal
Request mode the wake-up source can be read by the SPI.
The interrupts are signaled to the MCU by a low logic level
of the IRQ pin, which will remain low until the interrupt is
acknowledged by a SPI read. The IRQ pin will then be driven
high.
Interrupts are only asserted while in Normal, Normal
Request and Stop mode. Interrupts are not generated while
the RST pin is low.
Following is a list of the interrupt sources in Normal and
Normal Request Modes, some of those can be masked by
writing to the SPI-Interrupt Mask Register (IMR).
Low-voltage Interrupt
The low-voltage interrupt signals when the supply line
(VS1) voltage drops below the VSUV threshold (VSUV).
High-voltage Interrupt
The high-voltage interrupt signals when the supply line
(VS1) voltage increases above the VSOV threshold (VSOV).
Over-temperature Prewarning
Over-temperature prewarning signals when the 33911
temperature has reached the pre-shutdown warning
threshold. It is used to warn the MCU that an over-
temperature shutdown in the main 5V regulator is imminent.
LIN Over-current Shutdown / Over-temperature
Shutdown / TXD Stuck At Dominant / RXD Short-Circuit
These signal fault conditions within the LIN interface will
cause the LIN driver to be disabled, except for the LIN over-
current. In order to restart an operation, the fault must be
removed and must be acknowledged by reading the SPI.
The LINOC bit functionality in the LIN Status Register
(LINSR) is to indicate that an LIN over-current occurred and
the driver stays enabled.
High Side Over-temperature Shutdown
The high side over-temperature shutdown signals a
shutdown in the high side output.
Low Side Over-temperature Shutdown
The low side over-temperature shutdown signals a
shutdown in the low side outputs.
Table 5. Operating Modes Overview
Function
Reset Mode Normal Request Mode
Normal
Mode
Stop Mode
Sleep Mode
VDD
Full
Full
Full
Stop
-
LSx
-
SPI/PWM(55)
SPI/PWM
-
-
HS1
-
SPI/PWM(55)
SPI/PWM
Note(56)
Note(57)
Analog Mux
-
SPI
SPI
-
-
Lx
-
Inputs
Inputs
Wake-up
Wake-up
LIN
-
Rx-Only
full/Rx-Only
Rx-Only/Wake-up
Wake-up
Watchdog
-
150ms (typ.) timeout
On (58)/Off
-
-
VSENSE
On
On
On
VDD
-
Notes
55.
Operation can be controlled by the PWMIN input.
56.
HS switch can be configured for cyclic sense operation in Stop Mode.
57.
HS switch can be configured for cyclic sense operation in Sleep Mode.
58.
Windowing operation when enabled by an external resistor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com