Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33911 Datasheet(PDF) 30 Page - Freescale Semiconductor, Inc

Part # 33911
Description  LIN System Basis Chip with DC Motor Pre-driver
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33911 Datasheet(HTML) 30 Page - Freescale Semiconductor, Inc

Back Button 33911 Datasheet HTML 26Page - Freescale Semiconductor, Inc 33911 Datasheet HTML 27Page - Freescale Semiconductor, Inc 33911 Datasheet HTML 28Page - Freescale Semiconductor, Inc 33911 Datasheet HTML 29Page - Freescale Semiconductor, Inc 33911 Datasheet HTML 30Page - Freescale Semiconductor, Inc 33911 Datasheet HTML 31Page - Freescale Semiconductor, Inc 33911 Datasheet HTML 32Page - Freescale Semiconductor, Inc 33911 Datasheet HTML 33Page - Freescale Semiconductor, Inc 33911 Datasheet HTML 34Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 45 page
background image
Analog Integrated Circuit Device Data
30
Freescale Semiconductor
33911
FUNCTIONAL DEVICE OPERATIONS
OPERATIONAL MODES
LIN PHYSICAL LAYER
The LIN bus pin provides a physical layer for single-wire
communication in automotive applications. The LIN physical
layer is designed to meet the LIN physical layer specification
and has the following features:
• LIN physical layer 2.0 compliant
• Slew rate selection
• Over-current shutdown
• Over-temperature shutdown
• LIN pull-up disable in Stop and Sleep Modes
• Advanced diagnostics
• LIN dominant voltage level selection
The LIN driver is a low side MOSFET with over-current
and thermal shutdown. An internal pull-up resistor with a
serial diode structure is integrated, so no external pull-up
components are required for the application in a slave node.
The fall time from dominant to recessive and the rise time
from recessive to dominant is controlled. The symmetry
between both slopes is guaranteed.
LIN Pin
The LIN pin offers a high susceptibility immunity level from
external disturbance, guaranteeing communication.
Figure 19. LIN Interface
Slew Rate Selection
The slew rate can be selected for optimized operation at
10.4 and 20kBit/s as well as a fast baud rate for test and
programming. The slew rate can be adapted with the LSR1:0
bits in the LIN Control Register (LINCR). The initial slew rate
is optimized for 20kBit/s.
LIN Pull-up Disable In Stop And Sleep Modes
In case of a LIN bus short to GND or LIN bus leakage
during low-power mode, the internal pull-up resistor on the
LIN pin can be disconnected by clearing the LINPE bit in the
Mode Control Register (MCR). The bit LINPE also changes
the Bus wake-up threshold (VBUSWU).
This feature will reduce the current consumption in STOP
and SLEEP Modes. It also improves performance and safe
operation.
Current Limit (LIN Interrupt)
The output low side FET is protected against over-current
conditions. If an over-current condition occurs (e.g. LIN bus
High-voltage
High Side
RXONLY
MOD1:2
LSR0:1
LINPE
LDVS
INTERRUPT
CONTROL
MODULE
LIN – DRIVER
Slope and Slew Rate Control
Over-current Shutdown (interrupt maskable)
Over-temperature Shutdown (interrupt maskable)
VS1
WAKE-UP
RXSHORT
LINOC
TXDOM
LINOT
LIN
FILTER
SLOPE
CONTROL
30K
LGND
LIN
RECEIVER
TXD
RXD
Interrupt
Shutdown
Wake-up
WAKE-UP
MODULE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com