Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33911 Datasheet(PDF) 5 Page - Freescale Semiconductor, Inc

Part # 33911
Description  LIN System Basis Chip with DC Motor Pre-driver
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33911 Datasheet(HTML) 5 Page - Freescale Semiconductor, Inc

  33911 Datasheet HTML 1Page - Freescale Semiconductor, Inc 33911 Datasheet HTML 2Page - Freescale Semiconductor, Inc 33911 Datasheet HTML 3Page - Freescale Semiconductor, Inc 33911 Datasheet HTML 4Page - Freescale Semiconductor, Inc 33911 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33911 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33911 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33911 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33911 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 45 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
5
33911
ELECTRICAL CHARACTERISTICS
MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
MAXIMUM RATINGS
Table 2. Maximum Ratings
All voltages are with respect to ground unless otherwise noted. Exceeding these ratings may cause a malfunction or
permanent damage to the device.
Ratings
Symbol
Value
Unit
ELECTRICAL RATINGS
Supply Voltage at VS1 and VS2
Normal Operation (DC)
Transient Conditions (load dump)
VSUP(SS)
VSUP(PK)
-0.3 to 27
-0.3 to 40
V
Supply Voltage at VDD
VDD
-0.3 to 5.5
V
Input / Output Pins Voltage(5)
CS, RST, SCLK, PWMIN, ADOUT0, MOSI, MISO, TXD, RXD
Interrupt Pin (IRQ)(6)
VIN
VIN(IRQ)
-0.3 to VDD +0.3
-0.3 to 11
V
HS1 Pin Voltage (DC)
VHS1
-0.3 to VSUP +0.3
V
LS1 and LS2 Pin Voltage (DC)
VLS
-0.3 to 45
V
L1 and L2 Pin Voltage
Normal Operation with a series 33k
Ω resistor (DC)
Transient input voltage with external component (according to ISO7637-2)
(See Figure 5, page 16)
VLxDC
VLxTR
-18 to 40
±100
V
VSENSE Pin Voltage (DC)
VVSENSE
-27 to 40
V
LIN Pin Voltage
Normal Operation (DC)
Transient input voltage with external component (according to ISO7637-2)
(See Figure 4, page 16)
VBUSDC
VBUSTR
-18 to 40
-150 to 100
V
VDD output current
IVDD
Internally Limited
A
ESD Voltage
Human Body Model - LIN Pin(7)
Human Body Model - all other Pins(7)
Machine Model(8)
Charge Device Model(9)
Corner Pins (Pins 1, 8, 9, 16, 17, 24, 25 and 32)
All other Pins (Pins 2-7, 10-15, 18-23, 26-31)
VESD1-1
VESD1-2
VESD2
VESD3-1
VESD3-2
±8000
±2000
±200
±750
±500
V
NC Pin Voltage (NC pins 11, 15, 16, 20, 21, 24, 28 and 30)(10)
VNC
Note 10
Notes
5.
Exceeding voltage limits on specified pins may cause a malfunction or permanent damage to the device.
6.
Extended voltage range for programming purpose only.
7.
Testing is performed in accordance with the Human Body Model (CZAP = 100pF, RZAP = 1500Ω),
8.
Testing is performed in accordance with the Machine Model (CZAP = 200pF, RZAP = 0Ω),
9.
Testing is performed in accordance with the Charge Device Model, Robotic (CZAP = 4.0pF).
10.
Special configuration recommended / mandatory for marked NC pins. Please refer to the typical application shown on page 41.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com