Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33911 Datasheet(PDF) 29 Page - Freescale Semiconductor, Inc

Part # 33911
Description  LIN System Basis Chip with DC Motor Pre-driver
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33911 Datasheet(HTML) 29 Page - Freescale Semiconductor, Inc

Back Button 33911 Datasheet HTML 25Page - Freescale Semiconductor, Inc 33911 Datasheet HTML 26Page - Freescale Semiconductor, Inc 33911 Datasheet HTML 27Page - Freescale Semiconductor, Inc 33911 Datasheet HTML 28Page - Freescale Semiconductor, Inc 33911 Datasheet HTML 29Page - Freescale Semiconductor, Inc 33911 Datasheet HTML 30Page - Freescale Semiconductor, Inc 33911 Datasheet HTML 31Page - Freescale Semiconductor, Inc 33911 Datasheet HTML 32Page - Freescale Semiconductor, Inc 33911 Datasheet HTML 33Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 45 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
29
33911
FUNCTIONAL DEVICE OPERATIONS
OPERATIONAL MODES
LOW SIDE OUTPUT PINS LS1 AND LS2
These outputs are two low side drivers intended to drive
relays incorporating the following features:
• PWM capability (software maskable)
• Open load detection
• Current limitation
• Over-temperature shutdown (with maskable interrupt)
• Active clamp (for driving relays)
• High-voltage shutdown (software maskable)
The low side switches are controlled by the bit LS1:2 in the
Low Side Control Register (LSCR).
To protect the device against over-voltage when an
inductive load (relay) is turned off, an active clamp will re-
enable the low side FET if the voltage on the LS1 or LS2 pin
exceeds a certain level.
PWM Capability (direct access)
Each low side driver offers additional (to the SPI control)
direct control via the PWMIN pin.
If both the LS1 and PWMLS1 bits are set in the LSCR, then
the LS1 driver is turned on if the PWMIN pin is high, and
turned off if the PWMIN pin is low. The same applies to the
LS2 and PWMLS2 bits for the LS2 driver.
Figure 18. Low Side Drivers LS1 and LS2
Open Load Detection
Each low side driver signals an open-load condition if the
current through the low side is below the open-load current
threshold.
The open-load condition is indicated with the bit LS1OP
and LS2OP in the Low Side Status Register (LSSR).
Current Limitation
Each low side driver has a current limitation. In
combination with the over-temperature shutdown, the low
side drivers are protected against over-current and short-
circuit failures.
When the drivers operate in current limitation, this is
indicated with the LS1CL and LS2CL bits in the LSSR.
Note: If the drivers are operating in current limitation mode
excessive power might be dissipated.
Over-temperature Protection (LS Interrupt)
Both low side drivers are protected against over-
temperature. In case of an over-temperature condition both
low side drivers are shut down and the event is latched in the
Interrupt Control Module. The shutdown is indicated as an LS
Interrupt in the Interrupt Source Register (ISR).
If the bit LSM is set in the Interrupt Mask Register (IMR),
then an Interrupt (IRQ) is generated.
A write to the Low Side Control Register (LSCR), when the
over-temperature condition is gone, will re-enable the low
side drivers.
High-voltage Shutdown
In case of a high voltage condition, and if the high-voltage
shutdown is enabed (bit HVSE in the Mode Control Register
(MCR) is set), both low side drivers are shut down.
A write to the LSCR, when the high-voltage condition is
gone, will re-enable the low side drivers.
Sleep And Stop Mode
The low side drivers are disabled in Sleep and Stop Mode.
Also see Table 5, Operating Modes Overview.
LSx
Low Side - Driver
(active clamp)
Open-load Detection
Current Limitation
Over-temperture Shutdown (interrupt maskable)
High-voltage Shutdown (maskable)
PGND
active
clamp
Interrupt
Control
Module
HVSE
Control
on/off
Status
LSx
LSxOP
LSxCL
MOD1:2
PWMIN
VDD
PWMLSx
VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com