Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33911 Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # 33911
Description  LIN System Basis Chip with DC Motor Pre-driver
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33911 Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  33911 Datasheet HTML 1Page - Freescale Semiconductor, Inc 33911 Datasheet HTML 2Page - Freescale Semiconductor, Inc 33911 Datasheet HTML 3Page - Freescale Semiconductor, Inc 33911 Datasheet HTML 4Page - Freescale Semiconductor, Inc 33911 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33911 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33911 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33911 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33911 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 45 page
background image
Document Number: MC33911
Rev. 4.0, 2/2008
Freescale Semiconductor
Advance Information
* This document contains certain information on a new product.
Specifications and information herein are subject to change without notice.
© Freescale Semiconductor, Inc., 2007. All rights reserved.
LIN System Basis Chip with DC
Motor Pre-driver
The 33911 is a Serial Peripheral Interface (SPI)-controlled System
Basis Chip (SBC) combining many frequently used functions in an
MCU-based system, plus a Local Interconnect Network (LIN)
transceiver. The 33911 has a 5.0V - 60mA low dropout regulator with
full protection and reporting features. The device provides full SPI-
readable diagnostics and a selectable timing watchdog for detecting
errant operation. The LIN Protocol Specification 2.0 compliant LIN
transceiver, has waveshaping circuitry that can be disabled for higher
data rates.
One 60mA high side switch and two 160mA low side switches with
output protection are available for driving resistive and inductive loads.
All outputs can be pulse-width modulated (PWM). Two high-voltage
inputs are available for use in contact monitoring, or as external wake-
up inputs. These inputs can be used as high-voltage analog Inputs.
The voltage on theses pins is divided by a selectable ratio and
available via an analog multiplexer.
The 33911 has three main operating modes: Normal (all functions
available), Sleep (VDD off, wake-up via LIN, wake-up inputs (L1,L2),
cyclic sense, and forced wake-up), and Stop (VDD on with limited
current capability, wake-up via CS, LIN bus, wake-up inputs, cyclic
sense, forced wake-up, and external reset).
The 33911 is compatible with LIN Protocol Specification 2.0.
Features
• One 60mA high side switch and two 160mA low side switches
• Two high-voltage analog/logic inputs
• Full-duplex SPI Interface at frequencies up to 4MHz
• LIN transceiver capable of up to 100kbps with wave shaping
• Configurable window watchdog
• 5.0V low drop regulator with fault detection and low-voltage reset (LVR) circuitry
• Pb-free packaging designated by suffix code AC
Figure 1. 33911 Simplified Application Diagram
33911
ORDERING INFORMATION
Device
Temperature
Range (TA)
Package
MC33911BAC/R2
-40°C to 125°C
32-LQFP
MC34911BAC/R2
-40°C to 85°C
AC SUFFIX (Pb-FREE)
98ASH70029A
32-PIN LQFP
SYSTEM BASIS CHIP WITH LIN
2ND GENERATION
M
MCU
33911
VS1
VS2
VSENSE
HS1
L1
L2
LS1
LS2
WDCONF
VDD
PWMIN
ADOUT0
MOSI
MISO
SCLK
CS
RXD
TXD
IRQ
RST
VBAT
LIN INTERFACE
LIN


Similar Part No. - 33911

ManufacturerPart #DatasheetDescription
logo
Heyco.
3391 HEYCO-3391 Datasheet
75Kb / 1P
Lockit™ Cable Holders - Arrowhead Mount
logo
Sumida Corporation
3391-T044 SUMIDA-3391-T044 Datasheet
130Kb / 1P
General Power Transformer
3391-T047 SUMIDA-3391-T047 Datasheet
130Kb / 1P
General Power Transformer
logo
Freescale Semiconductor...
33910 FREESCALE-33910 Datasheet
765Kb / 44P
LIN System Basis Chip with 2x60mA High Side Drivers
33910 FREESCALE-33910 Datasheet
1Mb / 90P
LIN System Basis Chip with High
More results

Similar Description - 33911

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC33689 MOTOROLA-MC33689 Datasheet
229Kb / 18P
System Basis Chip with LIN transceiver
logo
Freescale Semiconductor...
33912 FREESCALE-33912 Datasheet
870Kb / 47P
LIN System Basis Chip with DC Motor Pre-driver and Current
logo
ATMEL Corporation
ATA6833 ATMEL-ATA6833 Datasheet
600Kb / 25P
BLDC Motor Driver and LIN System Basis Chip
ATA6833 ATMEL-ATA6833_09 Datasheet
666Kb / 27P
BLDC Motor Driver and LIN System Basis Chip
logo
Freescale Semiconductor...
MC33912 FREESCALE-MC33912_10 Datasheet
2Mb / 94P
LIN System Basis Chip with DC Motor Pre-driver and Current Sense
MC33911 FREESCALE-MC33911_10 Datasheet
1Mb / 92P
LIN System Basis Chip with DC Motor Pre-driver
33910 FREESCALE-33910_10 Datasheet
1Mb / 90P
LIN System Basis Chip with High
logo
ATMEL Corporation
ATA6843 ATMEL-ATA6843_14 Datasheet
1Mb / 27P
BLDC Motor Driver and LIN System Basis Chip
ATA6844 ATMEL-ATA6844_14 Datasheet
1Mb / 27P
BLDC Motor Driver and LIN System Basis Chip
ATA664151 ATMEL-ATA664151_14 Datasheet
1Mb / 50P
LIN System Basis Chip with LIN Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com