Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33911 Datasheet(PDF) 22 Page - Freescale Semiconductor, Inc

Part # 33911
Description  LIN System Basis Chip with DC Motor Pre-driver
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33911 Datasheet(HTML) 22 Page - Freescale Semiconductor, Inc

Back Button 33911 Datasheet HTML 18Page - Freescale Semiconductor, Inc 33911 Datasheet HTML 19Page - Freescale Semiconductor, Inc 33911 Datasheet HTML 20Page - Freescale Semiconductor, Inc 33911 Datasheet HTML 21Page - Freescale Semiconductor, Inc 33911 Datasheet HTML 22Page - Freescale Semiconductor, Inc 33911 Datasheet HTML 23Page - Freescale Semiconductor, Inc 33911 Datasheet HTML 24Page - Freescale Semiconductor, Inc 33911 Datasheet HTML 25Page - Freescale Semiconductor, Inc 33911 Datasheet HTML 26Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 45 page
background image
Analog Integrated Circuit Device Data
22
Freescale Semiconductor
33911
FUNCTIONAL DESCRIPTION
FUNCTIONAL INTERNAL BLOCK DESCRIPTION
FUNCTIONAL INTERNAL BLOCK DESCRIPTION
Figure 14. Functional Internal Block Diagram
ANALOG CIRCUITRY
The 33911 is designed to operate under automotive
operating conditions. A fully configurable window watchdog
circuit will reset the connected MCU in case of an overflow.
Two low-power modes are available with several different
wake-up sources to reactivate the device. Two analog / digital
inputs can be sensed or used as the wake-up source.
The device is capable of sensing the supply voltage
(VSENSE), the internal chip temperature (CTEMP) as well as
the motor current using an external sense resistor.)
HIGH SIDE DRIVER
One current and temperature protected high side driver
with PWM capability is provided to drive small loads such as
status LED’s or small lamps.
The driver can be configured for periodic sense during low-
power modes.
LOW SIDE DRIVERS
Two current and temperature protected low side
drivers with PWM capability are provided to drive H-
Bridge type relays for power motor applications.
MCU INTERFACE
The 33911 is providing its control and status information
through a standard 8-Bit SPI interface. Critical system events
such as low or high-voltage/temperature conditions as well as
over-current conditions in any of the driver stages can be
reported to the connected MCU via IRQ or RST.
Both low side and both high side driver outputs can be
controlled via the SPI register as well as PWMIN input.
The integrated LIN physical layer interface can be
configured via the SPI register and its communication is
driven through the RXD and TXD device pin.
All internal analog sources are multiplexed to the ANOUT0
pin.
VOLTAGE REGULATOR OUTPUTS
One voltage regulators is implemented on the 33911. The
VDD main regulator output is designed to supply an MCU
with a precise 5V.
LIN PHYSICAL LAYER INTERFACE
The 33911 provides a LIN 2.0 compatible LIN physical
layer interface with selectable slew rate and various
diagnostic features.
MC33911 - Functional Block Diagram
Integrated Supply
Voltage Regulator VDD
High Side Driver
HS1
LIN Physical Layer
Interface
Low Side Drivers
LS1 - LS2
Analog Circuitry
Digital / Analog Input
Voltage & Temperature Sense
Wake-Up
Window Watchdog
Analog Circuitry
MCU Interface and Output Control
Drivers
MCU Interface and Output Control
SPI Interface
Integrated Supply
Reset & IRQ Logic
LIN Interface / Control
Analog Output 0
LS/HS - PWM Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com