Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33911 Datasheet(PDF) 8 Page - Freescale Semiconductor, Inc

Part # 33911
Description  LIN System Basis Chip with DC Motor Pre-driver
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33911 Datasheet(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button 33911 Datasheet HTML 4Page - Freescale Semiconductor, Inc 33911 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33911 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33911 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33911 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33911 Datasheet HTML 9Page - Freescale Semiconductor, Inc 33911 Datasheet HTML 10Page - Freescale Semiconductor, Inc 33911 Datasheet HTML 11Page - Freescale Semiconductor, Inc 33911 Datasheet HTML 12Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 45 page
background image
Analog Integrated Circuit Device Data
8
Freescale Semiconductor
33911
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
VOLTAGE REGULATOR(24) (VDD)
Normal Mode Output Voltage
1.0mA < IVDD < 50mA; 5.5V < VSUP < 27V
VDDRUN
4.75
5.00
5.25
V
Normal Mode Output Current Limitation
IVDDRUN
60
110
200
mA
Dropout Voltage(25)
IVDD = 50mA
VDDDROP
–
0.1
0.25
V
Stop Mode Output Voltage
IVDD < 5 mA
VDDSTOP
4.75
5.0
5.25
V
Stop Mode Output Current Limitation
IVDDSTOP
6.0
12
36
mA
Line Regulation
Normal Mode, 5.5V < VSUP < 18V; IVDD = 10mA
Stop Mode, 5.5V < VSUP < 18V; IVDD = 1.0mA
LRRUN
LRSTOP
–
–
20
5.0
25
25
mV
Load Regulation
Normal Mode, 1.0mA < IVDD < 50mA
Stop Mode, 0.1mA < IVDD < 5mA
LDRUN
LDSTOP
–
–
15
10
80
50
mV
Over-temperature Prewarning (Junction)(26)
Interrupt generated, Bit VDDOT Set
TPRE
110
125
140
°C
Over-temperature Prewarning hysteresis(26)
TPRE_HYS
–
10
–
°C
Over-temperature Shutdown Temperature (Junction)(26)
TSD
155
170
185
°C
Over-temperature Shutdown hysteresis(26)
TSD_HYS
–
10
–
°C
Notes
24.
Specification with external capacitor 2µF < C < 100µF and 100m
Ω ≤ ESR ≤ 10Ω.
25.
Measured when voltage has dropped 250mV below its nominal Value (5V).
26.
This parameter is guaranteed by process monitoring but not production tested.
Table 3. Static Electrical Characteristics (continued)
Characteristics noted under conditions 5.5V
≤ V
SUP ≤ 18V, -40°C ≤ TA ≤ 125°C for the 33911 and -40°C ≤ TA ≤ 85°C for the
34911, unless otherwise noted. Typical values noted reflect the approximate parameter mean at TA = 25°C under nominal
conditions, unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com