Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33911 Datasheet(PDF) 24 Page - Freescale Semiconductor, Inc

Part # 33911
Description  LIN System Basis Chip with DC Motor Pre-driver
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33911 Datasheet(HTML) 24 Page - Freescale Semiconductor, Inc

Back Button 33911 Datasheet HTML 20Page - Freescale Semiconductor, Inc 33911 Datasheet HTML 21Page - Freescale Semiconductor, Inc 33911 Datasheet HTML 22Page - Freescale Semiconductor, Inc 33911 Datasheet HTML 23Page - Freescale Semiconductor, Inc 33911 Datasheet HTML 24Page - Freescale Semiconductor, Inc 33911 Datasheet HTML 25Page - Freescale Semiconductor, Inc 33911 Datasheet HTML 26Page - Freescale Semiconductor, Inc 33911 Datasheet HTML 27Page - Freescale Semiconductor, Inc 33911 Datasheet HTML 28Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 45 page
background image
Analog Integrated Circuit Device Data
24
Freescale Semiconductor
33911
FUNCTIONAL DEVICE OPERATIONS
OPERATIONAL MODES
Figure 15. Operating Modes and Transitions
Normal Request Timeout Expired (tNRTOUT)
VDD HIGH AND
RESET DELAY (tRST) EXPIRED
VDD LOW
VDD LOW
WD FAILED
VDD LOW (>tNRTOUT) EXPIRED
AND VSUV = 0
SLEEP COMMAND
WAKE-UP (RESET)
Power Up
Legend
WD: Watchdog
WD Disabled: Watchdog disabled (WDCONF pin connected to GND)
WD Trigger: Watchdog is triggered by SPI command
WD Failed: No watchdog trigger or trigger occurs in closed window
Stop Command: Stop command sent via SPI
Sleep Command: Sleep command sent via SPI
wake-up from Stop Mode: Lx state change, LIN bus wake-up, Periodic wake-up, CS rising edge wake-up or RST wake-up.
VDD LOW
wake-up from Sleep Mode: Lx state change, LIN bus wake-up, Periodic wake-up.
POWER
DOWN
NORMAL
REQUEST
RESET
NORMAL
SLEEP
STOP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com