Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5380ACPZ-R7 Datasheet (PDF) - Analog Devices

ADL5380ACPZ-R7 Datasheet PDF - Analog Devices
Part # ADL5380ACPZ-R7
Download  ADL5380ACPZ-R7 Download
File Size   840.35 Kbytes
Page   36 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 400 MHz to 6 GHz Quadrature Demodulator

ADL5380ACPZ-R7 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADL5380ACPZ-R7 Datasheet PDF - Analog Devices

Part # ADL5380ACPZ-R7
Download  ADL5380ACPZ-R7 Click to download

File Size   840.35 Kbytes
Page   36 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 400 MHz to 6 GHz Quadrature Demodulator

ADL5380ACPZ-R7 Datasheet (HTML) - Analog Devices


ADL5380ACPZ-R7 Product details

GENERAL DESCRIPTION
The ADL5380 is a broadband quadrature I-Q demodulator that covers an RF/IF input frequency range from 400 MHz to 6 GHz. With a NF = 10.9 dB, IP1dB = 11.6 dBm, and IIP3 = 29.7 dBm @ 900 MHz, the ADL5380 demodulator offers outstanding dynamic range suitable for the demanding infrastructure direct-conversion requirements. The differential RF inputs provide a well-behaved broadband input impedance of 50 Ω and are best driven from a 1:1 balun for optimum performance.

FEATURES
   Operating RF and LO frequency: 400 MHz to 6 GHz
   Input IP3
      30 dBm @ 900 MHz
      28 dBm @1900 MHz
   Input IP2: >65 dBm @ 900 MHz
   Input P1dB (IP1dB): 11.6 dBm @ 900 MHz
   Noise figure (NF)
      10.9 dB @ 900 MHz
      11.7 dB @ 1900 MHz
   Voltage conversion gain: ~7 dB
   Quadrature demodulation accuracy @ 900 MHz
      Phase accuracy: ~0.2°
      Amplitude balance: ~0.07 dB
   Demodulation bandwidth: ~390 MHz
   Baseband I/Q drive: 2 V p-p into 200 Ω
   Single 5 V supply

APPLICATIONS
   Cellular W-CDMA/GSM/LTE
   Microwave point-to-(multi)point radios
   Broadband wireless and WiMAX




Similar Part No. - ADL5380ACPZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5380 AD-ADL5380 Datasheet
429Kb / 5P
Wideband LO PLL Synthesizer with Simple Interface to Quadrature Demodulators
REV. 0
More results


Similar Description - ADL5380ACPZ-R7

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY73009 SKYWORKS-SKY73009 Datasheet
619Kb / 22P
400 -3000 MHz Direct Quadrature Demodulator
SKY73012 SKYWORKS-SKY73012 Datasheet
893Kb / 25P
400 - 3900 MHz Direct Quadrature Demodulator
logo
Analog Devices
ADL5387 AD-ADL5387 Datasheet
761Kb / 28P
50 MHz to 2 GHz Quadrature Demodulator
REV. 0
ADL5375 AD-ADL5375 Datasheet
2Mb / 32P
400 MHz to 6 GHz Broadband Quadrature Modulator
REV. 0
ADL5382 AD-ADL5382 Datasheet
804Kb / 28P
700 MHz to 2.7 GHz Quadrature Demodulator
REV. 0
ADL5375 AD-ADL5375_13 Datasheet
926Kb / 36P
400 MHz to 6 GHz Broadband Quadrature Modulator
REV. C
ADL5375ACPZ-R7 AD-ADL5375ACPZ-R7 Datasheet
926Kb / 36P
400 MHz to 6 GHz Broadband Quadrature Modulator
REV. C
logo
Skyworks Solutions Inc.
SKY73012-11 SKYWORKS-SKY73012-11 Datasheet
900Kb / 25P
SKY73012 400 ??3900 MHz Direct Quadrature Demodulator
logo
Analog Devices
AD8348 AD-AD8348_15 Datasheet
929Kb / 28P
50 MHz to 1000 MHz Quadrature Demodulator
REV. A
ADL5387 AD-ADL5387_V01 Datasheet
865Kb / 27P
30 MHz to 2 GHz Quadrature Demodulator
Rev. C
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com