Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5380ACPZ-R7 Datasheet(PDF) 9 Page - Analog Devices

Part # ADL5380ACPZ-R7
Description  400 MHz to 6 GHz Quadrature Demodulator
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5380ACPZ-R7 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADL5380ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADL5380ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADL5380ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADL5380ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADL5380ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADL5380ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADL5380ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADL5380ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADL5380ACPZ-R7 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
ADL5380
Rev. 0 | Page 9 of 36
0
5
10
15
20
25
30
35
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
VADJ (V)
NOISE FIGURE
INPUT IP3
TA = –40°C
TA = +25°C
TA = +85°C
Figure 13. IIP3 and Noise Figure vs. VADJ, fLO = 2700 MHz
0
10
20
30
40
50
60
70
80
12
34
900MHz: GAIN
900MHz: IP1dB
900MHz: IIP2, I CHANNEL
900MHz: IIP2, Q CHANNEL
2700MHz: GAIN
2700MHz: IP1dB
2700MHz: IIP2, I CHANNEL
2700MHz: IIP2, Q CHANNEL
VADJ (V)
Figure 14. Conversion Gain, IP1dB, and IIP2 vs.
VADJ, fLO = 900 MHz, fLO = 2700 MHz
50
55
60
65
70
75
80
85
90
0
5
10
15
20
25
30
35
40
4.5
6.5
8.5
10.5
12.5
14.5
16.5
18.5
BASEBAND FREQUENCY (MHz)
I CHANNEL
Q CHANNEL
IIP3
IIP2
IP1dB
TA = –40°C
TA = +25°C
TA = +85°C
Figure 15. IP1dB, IIP3, and IIP2 vs. Baseband Frequency
–25
–20
–15
–10
–5
0
0.40.60.81.01.21.41.61.82.02.22.42.62.83.0
RF FREQUENCY (GHz)
Figure 16. RF Port Return Loss vs. RF Frequency Measured on
Characterization Board Through TC1-1-13 Balun
–100
–90
–80
–70
–60
–50
–40
–30
–20
0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 2.2 2.4 2.6 2.8 3.0
LO FREQUENCY (GHz)
Figure 17. LO-to-RF Leakage vs. LO Frequency
–100
–90
–80
–70
–60
–50
–40
–30
–20
0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 2.2 2.4 2.6 2.8 3.0
RF FREQUENCY (GHz)
Figure 18. RF-to-LO Leakage vs. RF Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com