Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5380ACPZ-R7 Datasheet(PDF) 12 Page - Analog Devices

Part # ADL5380ACPZ-R7
Description  400 MHz to 6 GHz Quadrature Demodulator
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5380ACPZ-R7 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADL5380ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADL5380ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADL5380ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADL5380ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADL5380ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADL5380ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADL5380ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADL5380ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADL5380ACPZ-R7 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 36 page
background image
ADL5380
Rev. 0 | Page 12 of 36
180
200
220
240
260
280
300
1.01.52.02.5
3.03.54.04.5
VADJ (V)
SUPPLY CURRENT
NOISE FIGURE
INPUT IP3
0
5
10
15
20
25
30
TA = –40°C
TA = +25°C
TA = +85°C
Figure 26. IIP3, Noise Figure, and Supply Current vs. VADJ, fLO = 3600 MHz
11
13
15
17
19
21
23
25
–30
–25
–20
–15
–10
–5
0
5
RF POWEL LEVEL (dBm)
Figure 27. Noise Figure vs. Input Blocker Level, fLO = 3600 MHz
(RF Blocker 5 MHz Offset)
–10
0
10
20
30
40
50
60
70
80
12
3
4
VADJ(V)
3600MHz: GAIN
3600MHz: IP1dB
3600MHz: IIP2, I CHANNEL
3600MHz: IIP2, Q CHANNEL
Figure 28. Conversion Gain, IP1dB, and IIP2 vs. VADJ, fLO = 3600 MHz
–80
–70
–60
–50
–40
–30
–20
3.1
3.2
3.3
3.4
3.5
3.6
3.7
3.8
3.9
4.0
LO FREQUENCY (GHz)
Figure 29. LO-to-RF Leakage vs. LO Frequency
–100
–90
–80
–70
–60
–50
–40
–30
–20
3.1
3.2
3.3
3.4
3.5
3.6
3.7
3.8
3.9
4.0
RF FREQUENCY (GHz)
Figure 30. RF-to-LO Leakage vs. RF Frequency
–12
–10
–8
–6
–4
–2
0
3.1
3.2
3.3
3.4
3.5
3.6
3.7
3.8
3.9
4.0
RF FREQUENCY (GHz)
Figure 31. RF Port Return Loss vs. RF Frequency Measured on
Characterization Board Through Johanson Technology 3600 Balun



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com