Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5380ACPZ-R7 Datasheet(PDF) 4 Page - Analog Devices

Part # ADL5380ACPZ-R7
Description  400 MHz to 6 GHz Quadrature Demodulator
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5380ACPZ-R7 Datasheet(HTML) 4 Page - Analog Devices

  ADL5380ACPZ-R7 Datasheet HTML 1Page - Analog Devices ADL5380ACPZ-R7 Datasheet HTML 2Page - Analog Devices ADL5380ACPZ-R7 Datasheet HTML 3Page - Analog Devices ADL5380ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADL5380ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADL5380ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADL5380ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADL5380ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADL5380ACPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
ADL5380
Rev. 0 | Page 4 of 36
Parameter
Condition
Min
Typ
Max
Unit
DYNAMIC PERFORMANCE at RF = 1900 MHz
VADJ ~ 4 V (set by 1.5 kΩ from ADJ pin to VS)
Conversion Gain
6.8
dB
Input P1dB
11.6
dBm
RF Input Return Loss
RFIP, RFIN driven differentially through a balun
−13
dB
Second-Order Input Intercept (IIP2)
−5 dBm each input tone
61
dBm
Third-Order Input Intercept (IIP3)
−5 dBm each input tone
27.8
dBm
LO to RF
RFIN, RFIP terminated in 50 Ω
−49
dBm
RF to LO
LOIN, LOIP terminated in 50 Ω
−77
dBc
IQ Magnitude Imbalance
0.07
dB
IQ Phase Imbalance
0.25
Degrees
Noise Figure
11.7
dB
Noise Figure Under Blocking Conditions
With a −5 dBm input interferer 5 MHz away
14
dB
DYNAMIC PERFORMANCE at RF = 2700 MHz
VADJ ~ 4 V (set by 1.5 kΩ from ADJ pin to VS)
Conversion Gain
7.4
dB
Input P1dB
11
dBm
RF Input Return Loss
RFIP, RFIN driven differentially through a balun
−10
dB
Second-Order Input Intercept (IIP2)
−5 dBm each input tone
54
dBm
Third-Order Input Intercept (IIP3)
−5 dBm each input tone
28
dBm
LO to RF
RFIN, RFIP terminated in 50 Ω
−49
dBm
RF to LO
LOIN, LOIP terminated in 50 Ω
−73
dBc
IQ Magnitude Imbalance
0.07
dB
IQ Phase Imbalance
0.5
Degrees
Noise Figure
12.3
dB
DYNAMIC PERFORMANCE at RF = 3600 MHz
VADJ ~ 4.8 V (set by200 Ω from ADJ pin to VS)
Conversion Gain
6.3
dB
Input P1dB
9.6
dBm
RF Input Return Loss
RFIP, RFIN driven differentially through a balun
−11
dB
Second-Order Input Intercept (IIP2)
−5 dBm each input tone
48
dBm
Third-Order Input Intercept (IIP3)
−5 dBm each input tone
21
dBm
LO to RF
RFIN, RFIP terminated in 50 Ω
−46
dBm
RF to LO
LOIN, LOIP terminated in 50 Ω
−72
dBc
IQ Magnitude Imbalance
0.14
dB
IQ Phase Imbalance
1.1
Degrees
Noise Figure
14.2
dB
Noise Figure Under Blocking Conditions
With a −5 dBm input interferer 5 MHz away
16.2
dB
DYNAMIC PERFORMANCE at RF = 5800 MHz
VADJ ~ 2.4 V (ADJ pin left open)
Conversion Gain
5.8
dB
Input P1dB
8.2
dBm
RF Input Return Loss
RFIP, RFIN driven differentially through a balun
−7.5
dB
Second-Order Input Intercept (IIP2)
−5 dBm each input tone
44
dBm
Third-Order Input Intercept (IIP3)
−5 dBm each input tone
20.6
dBm
LO to RF
RFIN, RFIP terminated in 50 Ω
−47
dBm
RF to LO
LOIN, LOIP terminated in 50 Ω
−62
dBc
IQ Magnitude Imbalance
0.07
dB
IQ Phase Imbalance
−1.25
Degrees
Noise Figure
15.5
dB
Noise Figure Under Blocking Conditions
With a −5 dBm input interferer 5 MHz away
18.9
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com