Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5380ACPZ-R7 Datasheet(PDF) 32 Page - Analog Devices

Part # ADL5380ACPZ-R7
Description  400 MHz to 6 GHz Quadrature Demodulator
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5380ACPZ-R7 Datasheet(HTML) 32 Page - Analog Devices

Back Button ADL5380ACPZ-R7 Datasheet HTML 28Page - Analog Devices ADL5380ACPZ-R7 Datasheet HTML 29Page - Analog Devices ADL5380ACPZ-R7 Datasheet HTML 30Page - Analog Devices ADL5380ACPZ-R7 Datasheet HTML 31Page - Analog Devices ADL5380ACPZ-R7 Datasheet HTML 32Page - Analog Devices ADL5380ACPZ-R7 Datasheet HTML 33Page - Analog Devices ADL5380ACPZ-R7 Datasheet HTML 34Page - Analog Devices ADL5380ACPZ-R7 Datasheet HTML 35Page - Analog Devices ADL5380ACPZ-R7 Datasheet HTML 36Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 32 / 36 page
background image
ADL5380
Rev. 0 | Page 32 of 36
EVALUATION BOARD
The ADL5380 evaluation board is available. There are two
versions of the board, optimized for performance for separate
frequency ranges. For operation <3 GHz, an FR4 material-based
board with the TC1-1-13 balun footprint is available. For operation
between 3 GHz to 6 GHz, a Rogers® material-based RO3003 board
with the Johanson Technology 3600BL14M050 balun (optimal
for operation between 3 GHz and 4 GHz) footprint is available.
The Johanson Technology 5400BL15K050 shares the same
footprint and can be used for operation between 4900 MHz to
5800 MHz.
The board can be used for single-ended or differential baseband
analysis. The default configuration of the board is for single-ended
baseband analysis.
C5x
C12x
C9x
C6x
VPOS
LO_SE
C3x
C2x
T3x
T1x
ADL5380
GND3
GND1
IHI
ILO
GND1
VCC1
GND3
GND2
QHI
QLO
GND2
VCC2
R10x
T2x
R14x
R13x
R18x
C11x
C8x
VPOS
VPOS
VPOS
R19x
R5x
R17x
R16x
R15x
R4x
C16x
R7x
T4x
R6x
P1x
VPOS
VPOS
R11x
R1x
R9x
C1x
C4x
C7x
C10x
R12x
C15x
R3x
R2x
R23x
LONx
LOPx
INx
IPx
QPx
QNx
RFx
1
24
23
22
21
20
19
78
9
10
11
12
2
3
4
5
6
18
17
16
15
14
13
NOTES
1. X = B, FOR LOW FREQUENCY OPERATION UP TO 3GHz, TC1-1-13 BALUN ON RF AND LO PORTS.
X = A, FOR FREQUENCY OPERATION FROM 3GHz TO 4GHz, JOHANSON TECHNOLOGY 3600BL14M050 BALUN ON RF AND LO PORTS.
2. FOR OPERATION BETWEEN 4.9GHZ TO 6GHZ, THE JOHANSON TECHNOLOGY 5400BL15K050 BALUN, WHICH SHARES A SIMILAR
FOOTPRINT AS THE 4GHZ BALUN, CAN BE USED.
Figure 98. Evaluation Board Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com