Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5380ACPZ-R7 Datasheet(PDF) 26 Page - Analog Devices

Part # ADL5380ACPZ-R7
Description  400 MHz to 6 GHz Quadrature Demodulator
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5380ACPZ-R7 Datasheet(HTML) 26 Page - Analog Devices

Back Button ADL5380ACPZ-R7 Datasheet HTML 22Page - Analog Devices ADL5380ACPZ-R7 Datasheet HTML 23Page - Analog Devices ADL5380ACPZ-R7 Datasheet HTML 24Page - Analog Devices ADL5380ACPZ-R7 Datasheet HTML 25Page - Analog Devices ADL5380ACPZ-R7 Datasheet HTML 26Page - Analog Devices ADL5380ACPZ-R7 Datasheet HTML 27Page - Analog Devices ADL5380ACPZ-R7 Datasheet HTML 28Page - Analog Devices ADL5380ACPZ-R7 Datasheet HTML 29Page - Analog Devices ADL5380ACPZ-R7 Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 36 page
background image
ADL5380
Rev. 0 | Page 26 of 36
Figure 86 and Figure 87 show the excellent image rejection
capabilities of the ADL5380 for low IF applications, such as
W-CDMA. The ADL5380 exhibits image rejection greater than
45 dB over a broad frequency range.
50
30
40
60
0
10
20
400
800
1200
1600 2000
2400
2800
3200 3600
4000
RF FREQUENCY (MHz)
2.5MHz LOW IF
5MHz LOW IF
7MHz LOW IF
Figure 86. Low Band and Midband Image Rejection vs. RF Frequency for a
W-CDMA Signal, IF = 2.5 MHz, 5 MHz, and 7.5 MHz
50
30
40
60
0
10
20
5000
5200
5400
5600
5800
6000
RF FREQUENCY (MHz)
2.5MHz LOW IF
5MHz LOW IF
7MHz LOW IF
Figure 87. High Band Image Rejection vs. RF Frequency for a W-CDMA Signal,
IF = 2.5 MHz, 5 MHz, and 7.5 MHz
EXAMPLE BASEBAND INTERFACE
In most direct-conversion receiver designs, it is desirable to
select a wanted carrier within a specified band. The desired
channel can be demodulated by tuning the LO to the appropriate
carrier frequency. If the desired RF band contains multiple
carriers of interest, the adjacent carriers are also down converted to
a lower IF frequency. These adjacent carriers can be problematic if
they are large relative to the wanted carrier because they can
overdrive the baseband signal detection circuitry. As a result, it
is often necessary to insert a filter to provide sufficient rejection
of the adjacent carriers.
It is necessary to consider the overall source and load impedance
presented by the ADL5380 and ADC input when designing the
filter network. The differential baseband output impedance of
the ADL5380 is 50 Ω. The ADL5380 is designed to drive a high
impedance ADC input. It may be desirable to terminate the
ADC input down to lower impedance by using a terminating
resistor, such as 500 Ω. The terminating resistor helps to better
define the input impedance at the ADC input at the cost of a
slightly reduced gain (see the Circuit Description section for
details on the emitter-follower output loading effects).
The order and type of filter network depends on the desired high
frequency rejection required, pass-band ripple, and group delay.
Filter design tables provide outlines for various filter types and
orders, illustrating the normalized inductor and capacitor values
for a 1 Hz cutoff frequency and 1 Ω load. After scaling the
normalized prototype element values by the actual desired
cut-off frequency and load impedance, the series reactance
elements are halved to realize the final balanced filter network
component values.
As an example, a second-order Butterworth, low-pass filter design
is shown in Figure 88 where the differential load impedance is
500 Ω and the source impedance of the ADL5380 is 50 Ω. The
normalized series inductor value for the 10-to-1, load-to-source
impedance ratio is 0.074 H, and the normalized shunt capacitor
is 14.814 F. For a 10.9 MHz cutoff frequency, the single-ended
equivalent circuit consists of a 0.54 μH series inductor followed
by a 433 pF shunt capacitor.
The balanced configuration is realized as the 0.54 μH inductor
is split in half to realize the network shown in Figure 88.
VS
RS
2
RS
RL
RS
2
RL
2
RL
2
433pF
VS
RS = 50Ω
RL= 500Ω
0.54µH
0.27µH
0.27µH
433pF
BALANCED
CONFIGURATION
DENORMALIZED
SINGLE-ENDED
EQUIVALENT
VS
RS = 50Ω
= 0.1
RL= 500Ω
LN = 0.074H
CN
14.814F
NORMALIZED
SINGLE-ENDED
CONFIGURATION
= 25Ω
= 25Ω
= 250Ω
= 250Ω
fC = 10.9MHz
fC = 1Hz
Figure 88. Second-Order Butterworth, Low-Pass Filter Design Example



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com