Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5380ACPZ-R7 Datasheet(PDF) 14 Page - Analog Devices

Part # ADL5380ACPZ-R7
Description  400 MHz to 6 GHz Quadrature Demodulator
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5380ACPZ-R7 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADL5380ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADL5380ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADL5380ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADL5380ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADL5380ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADL5380ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADL5380ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADL5380ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADL5380ACPZ-R7 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 36 page
background image
ADL5380
Rev. 0 | Page 14 of 36
HIGH BAND OPERATION
RF = 5 GHz to 6 GHz; Johanson Technology 5400BL15B050E balun on LO and RF inputs, the ADJ pin is open.
2
3
4
5
6
7
8
9
10
11
12
5.1
5.2
5.3
5.4
5.5
5.6
5.7
5.8
5.9
6.0
LO FREQUENCY (GHz)
GAIN
INPUT P1dB
TA = –40°C
TA = +25°C
TA = +85°C
Figure 33. Conversion Gain and Input 1 dB Compression Point (IP1dB) vs.
LO Frequency
10
20
30
40
50
60
70
80
5.1
5.2
5.3
5.4
5.5
5.6
5.7
5.8
5.9
6.0
LO FREQUENCY (GHz)
INPUT IP2
INPUT IP3 (I AND Q CHANNELS)
I CHANNEL
Q CHANNEL
TA = –40°C
TA = +25°C
TA = +85°C
Figure 34. Input Third-Order Intercept (IIP3) and
Input Second-Order Intercept Point (IIP2) vs. LO Frequency
–1.0
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0.8
1.0
5.15.25.35.45.55.6
5.75.85.96.0
LO FREQUENCY (GHz)
TA = –40°C
TA = +25°C
TA = +85°C
Figure 35. IQ Gain Mismatch vs. LO Frequency
10
15
20
25
30
35
40
45
50
55
60
0
2
4
6
8
10
12
14
16
18
20
–6
–5
–4
–3
–2
–1
0
1
2
3
4
5
6
LO LEVEL (dBm)
IIP2, Q CHANNEL
IIP2, I CHANNEL
IP1dB
GAIN
IIP3
NOISE FIGURE
Figure 36. Conversion Gain, IP1dB, Noise Figure, IIP3, and IIP2 vs.
LO Level, fLO = 5800 MHz
8
9
10
11
12
13
14
15
16
17
18
19
20
5.0
5.1
5.2
5.3
5.4
5.5
5.6
5.7
5.8
5.9
6.0
LO FREQUENCY (GHz)
TA = –40°C
TA = –25°C
TA = +85°C
Figure 37. Noise Figure vs. LO Frequency
–4
–3
–2
–1
0
1
2
3
4
LO FREQUENCY (GHz)
TA = –40°C
TA = +25°C
TA = +85°C
5.1
5.2
5.3
5.4
5.5
5.6
5.7
5.8
5.9
6.0
Figure 38. IQ Quadrature Phase Error vs. LO Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com