Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5380ACPZ-R7 Datasheet(PDF) 31 Page - Analog Devices

Part # ADL5380ACPZ-R7
Description  400 MHz to 6 GHz Quadrature Demodulator
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5380ACPZ-R7 Datasheet(HTML) 31 Page - Analog Devices

Back Button ADL5380ACPZ-R7 Datasheet HTML 27Page - Analog Devices ADL5380ACPZ-R7 Datasheet HTML 28Page - Analog Devices ADL5380ACPZ-R7 Datasheet HTML 29Page - Analog Devices ADL5380ACPZ-R7 Datasheet HTML 30Page - Analog Devices ADL5380ACPZ-R7 Datasheet HTML 31Page - Analog Devices ADL5380ACPZ-R7 Datasheet HTML 32Page - Analog Devices ADL5380ACPZ-R7 Datasheet HTML 33Page - Analog Devices ADL5380ACPZ-R7 Datasheet HTML 34Page - Analog Devices ADL5380ACPZ-R7 Datasheet HTML 35Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 36 page
background image
ADL5380
Rev. 0 | Page 31 of 36
R&S FSEA30
SPECTRUM ANALYZER
HP 6235A
POWER SUPPLY
AGILENT 8665B
SIGNAL GENERATOR
LOW-PASS
FILTER
R&S SMT03
SIGNAL GENERATOR
ADL5380
CHAR BOARD
RF
LO
Q
I
GND
VPOS
6dB PAD
R1
50Ω
BAND-PASS
CAVITY FILTER
BAND-PASS
TUNABLE FILTER
BAND-REJECT
TUNABLE FILTER
HP 87405
LOW NOISE
PREAMP
Figure 96. Measurement Setup for Noise Figure in the Presence of a Blocker
R&S FSEA30
SPECTRUM ANALYZER
HP 8508A
VECTOR VOLTMETER
R&S SMT06
AGILENT E3631
POWER SUPPLY
AGILENT E8257D
SIGNAL GENERATOR
PC CONTROLLER
R&S SMT06
IEEE
IEEE
ADL5380
CHAR BOARD
RF
LO
Q
I
GND
VPOS
6dB PAD
6dB PAD
SWITCH
MATRIX
RF
AMPLIFIER
VP GND
OUT
IN
3dB PAD
3dB PAD
3dB PAD
3dB PAD
RF
RF
AGILENT
11636A
RF
INPUT
Figure 97. General Characterization Setup



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com