Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5380ACPZ-R7 Datasheet(PDF) 28 Page - Analog Devices

Part # ADL5380ACPZ-R7
Description  400 MHz to 6 GHz Quadrature Demodulator
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5380ACPZ-R7 Datasheet(HTML) 28 Page - Analog Devices

Back Button ADL5380ACPZ-R7 Datasheet HTML 24Page - Analog Devices ADL5380ACPZ-R7 Datasheet HTML 25Page - Analog Devices ADL5380ACPZ-R7 Datasheet HTML 26Page - Analog Devices ADL5380ACPZ-R7 Datasheet HTML 27Page - Analog Devices ADL5380ACPZ-R7 Datasheet HTML 28Page - Analog Devices ADL5380ACPZ-R7 Datasheet HTML 29Page - Analog Devices ADL5380ACPZ-R7 Datasheet HTML 30Page - Analog Devices ADL5380ACPZ-R7 Datasheet HTML 31Page - Analog Devices ADL5380ACPZ-R7 Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 36 page
background image
ADL5380
Rev. 0 | Page 28 of 36
270pF
100pF
68pF
500Ω
CAC
10µF
CAC
10µF
27µH
27µH
10µH
27µH
27µH
10µH
CAC
10µF
CAC
10µF
27µH
27µH
10µH
27µH
27µH
10µH
270pF
100pF
68pF
500Ω
ADC INPUT
ADC INPUT
LO_SE
BALUN
ADL5380
0.1µF
100pF
RFIN
VS
VS
VS
VS
0.1µF
100pF
100pF
100pF
100pF
0.1µF
BALUN
100pF
100pF
1
24
23
22
21
20
19
7
8
9
10
11
12
2
3
4
5
6
GND3
GND1
IHI
ILO
GND1
VCC1
18
17
16
15
14
13
GND3
GND2
QHI
QLO
GND2
VCC2
Figure 91. Sixth-Order Low-Pass Butterworth, Baseband Filter Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com