Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5380ACPZ-R7 Datasheet(PDF) 25 Page - Analog Devices

Part # ADL5380ACPZ-R7
Description  400 MHz to 6 GHz Quadrature Demodulator
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5380ACPZ-R7 Datasheet(HTML) 25 Page - Analog Devices

Back Button ADL5380ACPZ-R7 Datasheet HTML 21Page - Analog Devices ADL5380ACPZ-R7 Datasheet HTML 22Page - Analog Devices ADL5380ACPZ-R7 Datasheet HTML 23Page - Analog Devices ADL5380ACPZ-R7 Datasheet HTML 24Page - Analog Devices ADL5380ACPZ-R7 Datasheet HTML 25Page - Analog Devices ADL5380ACPZ-R7 Datasheet HTML 26Page - Analog Devices ADL5380ACPZ-R7 Datasheet HTML 27Page - Analog Devices ADL5380ACPZ-R7 Datasheet HTML 28Page - Analog Devices ADL5380ACPZ-R7 Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 36 page
background image
ADL5380
Rev. 0 | Page 25 of 36
Figure 83 shows the zero-IF EVM performance of a 10 MHz
IEEE 802.16e WiMAX signal through the ADL5380. The
differential dc offsets on the ADL5380 are in the order of a few
millivolts. However, ac coupling the baseband outputs with 10 μF
capacitors eliminates dc offsets and enhances EVM performance.
With a 10 MHz BW signal, 10 μF ac coupling capacitors with
the 500 Ω differential load results in a high-pass corner frequency
of ~64 Hz, which absorbs an insignificant amount of modulated
signal energy from the baseband signal. By using ac coupling
capacitors at the baseband outputs, the dc offset effects, which
can limit dynamic range at low input power levels, can be
eliminated.
Figure 84 exhibits multiple W-CDMA low-IF EVM performance
curves over a wide RF input power range into the ADL5380. In
the case of zero-IF, the noise contribution by the vector signal
analyzer becomes predominant at lower power levels, making it
difficult to measure SNR accurately.
–45
–40
–35
–30
–25
–20
–15
–10
–80
–70
–60
–50
–40
–30
–20
–10
0
10
RF INPUT POWER (dBm)
0Hz IF
5MHz LOW-IF
7.5MHz LOW-IF
2.5MHz LOW-IF
–60
–50
–40
–30
–20
–10
0
–75
–65
–55
–45
–35
–25
–15
–5
5
RF INPUT POWER (dBm)
5.8GHz
3.5GHz
2.6GHz
Figure 84. EVM, RF = 1900 MHz, IF = 0 Hz, IF = 2.5 MHz, IF = 5 MHz, and IF =
7.5 MHz vs. RF Input Power for a W-CDMA Signal (AC-Coupled Baseband Outputs)
LOW IF IMAGE REJECTION
The image rejection ratio is the ratio of the intermediate frequency
(IF) signal level produced by the desired input frequency to that
produced by the image frequency. The image rejection ratio is
expressed in decibels. Appropriate image rejection is critical
because the image power can be much higher than that of the
desired signal, thereby plaguing the down-conversion process.
Figure 85 illustrates the image problem. If the upper sideband
(lower sideband) is the desired band, a 90° shift to the Q channel
(I channel) cancels the image at the lower sideband (upper sideband).
Phase and gain balance between I and Q channels are critical
for high levels of image rejection.
Figure 83. EVM, RF = 2.6 GHz, RF = 3.5 GHz, and RF = 5.8 GHz, IF = 0 Hz vs.
RF Input Power for a 16 QAM 10 MHz Bandwidth Mobile WiMAX Signal
(AC-Coupled Baseband Outputs)
0°
0°
SIN
ωLOt
COS
ωLOt
ωIF
ωIF
ωLSB
ωUSB
–
ωIF
0+
ωIF
0+
ωIF
0+
ωIF
–
ωIF
0+
ωIF
ωLO
–90°
+90°
Figure 85. Illustration of the Image Problem



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com