Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5380ACPZ-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # ADL5380ACPZ-R7
Description  400 MHz to 6 GHz Quadrature Demodulator
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5380ACPZ-R7 Datasheet(HTML) 1 Page - Analog Devices

  ADL5380ACPZ-R7 Datasheet HTML 1Page - Analog Devices ADL5380ACPZ-R7 Datasheet HTML 2Page - Analog Devices ADL5380ACPZ-R7 Datasheet HTML 3Page - Analog Devices ADL5380ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADL5380ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADL5380ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADL5380ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADL5380ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADL5380ACPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
400 MHz to 6 GHz
Quadrature Demodulator
ADL5380
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2009 Analog Devices, Inc. All rights reserved.
FEATURES
Operating RF and LO frequency: 400 MHz to 6 GHz
Input IP3
30 dBm @ 900 MHz
28 dBm @1900 MHz
Input IP2: >65 dBm @ 900 MHz
Input P1dB (IP1dB): 11.6 dBm @ 900 MHz
Noise figure (NF)
10.9 dB @ 900 MHz
11.7 dB @ 1900 MHz
Voltage conversion gain: ~7 dB
Quadrature demodulation accuracy @ 900 MHz
Phase accuracy: ~0.2°
Amplitude balance: ~0.07 dB
Demodulation bandwidth: ~390 MHz
Baseband I/Q drive: 2 V p-p into 200 Ω
Single 5 V supply
APPLICATIONS
Cellular W-CDMA/GSM/LTE
Microwave point-to-(multi)point radios
Broadband wireless and WiMAX
FUNCTIONAL BLOCK DIAGRAM
RFIN
RFIP
ENBL
ADJ
QUADRATURE
PHASE SPLITTER
ADL5380
V2I
BIAS
LOIP
LOIN
IHI
ILO
QHI
QLO
Figure 1.
GENERAL DESCRIPTION
The ADL5380 is a broadband quadrature I-Q demodulator that
covers an RF/IF input frequency range from 400 MHz to 6 GHz.
With a NF = 10.9 dB, IP1dB = 11.6 dBm, and IIP3 = 29.7 dBm @
900 MHz, the ADL5380 demodulator offers outstanding dynamic
range suitable for the demanding infrastructure direct-conversion
requirements. The differential RF inputs provide a well-behaved
broadband input impedance of 50 Ω and are best driven from a
1:1 balun for optimum performance.
Excellent demodulation accuracy is achieved with amplitude
and phase balances of ~0.07 dB and ~0.2°, respectively. The
demodulated in-phase (I) and quadrature (Q) differential outputs
are fully buffered and provide a voltage conversion gain of ~7 dB.
The buffered baseband outputs are capable of driving a 2 V p-p
differential signal into 200 Ω.
The fully balanced design minimizes effects from second-order
distortion. The leakage from the LO port to the RF port is
<−50 dBm. Differential dc offsets at the I and Q outputs are
typically <20 mV. Both of these factors contribute to the
excellent IIP2 specification, which is >65 dBm.
The ADL5380 operates off a single 4.75 V to 5.25 V supply. The
supply current is adjustable by placing an external resistor from
the ADJ pin to either the positive supply, VS, (to increase supply
current and improve IIP3) or to ground (which decreases supply
current at the expense of IIP3).
The ADL5380 is fabricated using the Analog Devices, Inc.,
advanced silicon-germanium bipolar process and is available
in a 24-lead exposed paddle LFCSP.


Similar Part No. - ADL5380ACPZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5380 AD-ADL5380 Datasheet
429Kb / 5P
Wideband LO PLL Synthesizer with Simple Interface to Quadrature Demodulators
REV. 0
More results

Similar Description - ADL5380ACPZ-R7

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY73009 SKYWORKS-SKY73009 Datasheet
619Kb / 22P
400 -3000 MHz Direct Quadrature Demodulator
SKY73012 SKYWORKS-SKY73012 Datasheet
893Kb / 25P
400 - 3900 MHz Direct Quadrature Demodulator
logo
Analog Devices
ADL5387 AD-ADL5387 Datasheet
761Kb / 28P
50 MHz to 2 GHz Quadrature Demodulator
REV. 0
ADL5375 AD-ADL5375 Datasheet
2Mb / 32P
400 MHz to 6 GHz Broadband Quadrature Modulator
REV. 0
ADL5382 AD-ADL5382 Datasheet
804Kb / 28P
700 MHz to 2.7 GHz Quadrature Demodulator
REV. 0
ADL5375 AD-ADL5375_13 Datasheet
926Kb / 36P
400 MHz to 6 GHz Broadband Quadrature Modulator
REV. C
ADL5375ACPZ-R7 AD-ADL5375ACPZ-R7 Datasheet
926Kb / 36P
400 MHz to 6 GHz Broadband Quadrature Modulator
REV. C
logo
Skyworks Solutions Inc.
SKY73012-11 SKYWORKS-SKY73012-11 Datasheet
900Kb / 25P
SKY73012 400 ??3900 MHz Direct Quadrature Demodulator
logo
Analog Devices
AD8348 AD-AD8348_15 Datasheet
929Kb / 28P
50 MHz to 1000 MHz Quadrature Demodulator
REV. A
ADL5387 AD-ADL5387_V01 Datasheet
865Kb / 27P
30 MHz to 2 GHz Quadrature Demodulator
Rev. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com